Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128FB Datasheet(PDF) 19 Page - STMicroelectronics

Part # M58LR128FB
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128FB Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M58LR128FB Datasheet HTML 15Page - STMicroelectronics M58LR128FB Datasheet HTML 16Page - STMicroelectronics M58LR128FB Datasheet HTML 17Page - STMicroelectronics M58LR128FB Datasheet HTML 18Page - STMicroelectronics M58LR128FB Datasheet HTML 19Page - STMicroelectronics M58LR128FB Datasheet HTML 20Page - STMicroelectronics M58LR128FB Datasheet HTML 21Page - STMicroelectronics M58LR128FB Datasheet HTML 22Page - STMicroelectronics M58LR128FB Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 82 page
background image
19/82
M58LR128FT, M58LR128FB
Table 6. Factory Program Command
Note: 1. WA=Word Address in targeted bank, BKA= Bank Address, PD=Program Data, BA=Block Address, X = Don’t Care.
2. WA1 is the Start Address, NOT BA1 = Not Block Address of WA1.
3. The Program/Verify phase can be executed any number of times as long as the data is to be programmed to the same block.
4. Any address within the bank can be used.
Table 7. Electronic Signature Codes
Note: CR = Configuration Register, PRLD = Protection Register Lock Data.
Command
Phase
Bus Write Operations
1st
2nd
3rd
Final -1
Final
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Buffer
Enhanced
Factory
Program
Setup
2
BKA or
WA(4)
80h
WA1
D0h
Program/
Verify(3))
≥32
WA1
PD1
WA1
PD2
WA1
PD3
WA1
PD31
WA1
PD32
Exit
1
NOT
BA1
(2)
X
Code
Address (h)
Data (h)
Manufacturer Code
Bank Address + 00
0020
Device Code
Top
Bank Address + 01
88C4
Bottom
Bank Address + 01
88C5
Block Protection
Locked
Block Address + 02
0001
Unlocked
0000
Locked and Locked-Down
0003
Unlocked and Locked-Down
0002
Configuration Register
Bank Address + 05
CR
Protection Register PR0
Lock
ST Factory Default
Bank Address + 80
0002
OTP Area Permanently Locked
0000
Protection Register PR0
Bank Address + 81
Bank Address + 84
Unique Device
Number
Bank Address + 85
Bank Address + 88
OTP Area
Protection Register PR1 through PR16 Lock
Bank Address + 89
PRLD
Protection Registers PR1-PR16
Bank Address + 8A
Bank Address + 109
OTP Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com