Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128FB Datasheet(PDF) 79 Page - STMicroelectronics

Part # M58LR128FB
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128FB Datasheet(HTML) 79 Page - STMicroelectronics

Back Button M58LR128FB Datasheet HTML 74Page - STMicroelectronics M58LR128FB Datasheet HTML 75Page - STMicroelectronics M58LR128FB Datasheet HTML 76Page - STMicroelectronics M58LR128FB Datasheet HTML 77Page - STMicroelectronics M58LR128FB Datasheet HTML 78Page - STMicroelectronics M58LR128FB Datasheet HTML 79Page - STMicroelectronics M58LR128FB Datasheet HTML 80Page - STMicroelectronics M58LR128FB Datasheet HTML 81Page - STMicroelectronics M58LR128FB Datasheet HTML 82Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 79 / 82 page
background image
79/82
M58LR128FT, M58LR128FB
Table 43. Command Interface States - Lock Table, Next State
Note: 1. CI = Command Interface, CR = Configuration Register, BEFP = Buffer Enhanced Factory Program, P/E. C. = Program/Erase Con-
troller, WA0 = Address in a block different from first BEFP address.
2. If the P/E.C. is active, both cycles are ignored.
3. BEFP Exit when Block Address is different from first Block Address and data are FFFFh.
4. BEFP is allowed only when Status Register bit SR0 is set to ‘0’. BEFP is busy if Block Address is first BEFP Address. Any other
commands are treated as data.
5. Illegal commands are those not defined in the command set.
6. if N=0 go to Buffer Program Confirm. Else (N
≠ 0) go to Buffer Program Load 2 (data load).
7. if N=0 go to Buffer Program Confirm in Erase Suspend. Else (N
≠ 0) go to Buffer Program Load 2 in Erase Suspend.
Current CI State
Command Input
Lock/CR
Setup(2)
(60h)
OTP Setup
(2)
(C0h)
Block Lock
Confirm
(01h)
Block
Lock-Down
Confirm
(2Fh)
Set CR
Confirm
(03h)
Block
Address
(WA0) (3)
(XXXXh)
Illegal
Command
(5)
WSM
Operation
Completed
Ready
Lock/CR
Setup
OTP Setup
Ready
N/A
Lock/CR Setup
Ready (Lock error)
Ready
Ready (Lock error)
N/A
OTP
Setup
OTP Busy
N/A
Busy
Ready
Program
Setup
Program Busy
N/A
Busy
Program Busy
Ready
Suspend
Program Suspend
N/A
Buffer
Program
Setup
Buffer Program Load 1 (give word count load (N-1));
N/A
Buffer
Load 1
Buffer Program Load 2(6)
Exit
see note (6)
N/A
Buffer
Load 2
Buffer Program Confirm when count =0; Else Buffer Program Load 2 (note: Buffer Program will fail
at this point if any block address is different from the first address)
N/A
Confirm
Ready (error)
N/A
Busy
Buffer Program Busy
Ready
Suspend
Buffer Program Suspend
N/A
Erase
Setup
Ready (error)
N/A
Busy
Erase Busy
Ready
Suspend
Lock/CR
Setup in
Erase
Suspend
Erase Suspend
N/A
Program in
Erase
Suspend
Setup
Program Busy in Erase Suspend
N/A
Busy
Program Busy in Erase Suspend
Erase
Suspend
Suspend
Program Suspend in Erase Suspend
N/A
Buffer
Program in
Erase
Suspend
Setup
Buffer Program Load 1 in Erase Suspend (give word count load (N-1))
Buffer
Load 1
Buffer Program Load 2 in Erase Suspend(7)
Exit
see note (7)
Buffer
Load 2
Buffer Program Confirm in Erase Suspend when count =0; Else Buffer Program Load 2 in Erase
Suspend (note: Buffer Program will fail at this point if any block address is different from the first
address)
Confirm
Ready (error)
Busy
Buffer Program Busy in Erase Suspend
Suspend
Buffer Program Suspend in Erase Suspend
Lock/CR Setup
in Erase Suspend
Erase Suspend (Lock error)
Erase Suspend
Erase Suspend
(Lock error)
N/A
BEFP
Setup
Ready (error)
N/A
Busy
BEFP Busy (4)
Exit
BEFP
Busy(4)
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com