Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128FB Datasheet(PDF) 77 Page - STMicroelectronics

Part # M58LR128FB
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128FB Datasheet(HTML) 77 Page - STMicroelectronics

Back Button M58LR128FB Datasheet HTML 73Page - STMicroelectronics M58LR128FB Datasheet HTML 74Page - STMicroelectronics M58LR128FB Datasheet HTML 75Page - STMicroelectronics M58LR128FB Datasheet HTML 76Page - STMicroelectronics M58LR128FB Datasheet HTML 77Page - STMicroelectronics M58LR128FB Datasheet HTML 78Page - STMicroelectronics M58LR128FB Datasheet HTML 79Page - STMicroelectronics M58LR128FB Datasheet HTML 80Page - STMicroelectronics M58LR128FB Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 82 page
background image
77/82
M58LR128FT, M58LR128FB
Note: 1. CI = Command Interface, CR = Configuration Register, BEFP = Buffer Enhanced Factory Program, P/E. C. = Program/Erase Con-
troller.
2. At Power-Up, all banks are in Read Array mode. Issuing a Read Array command to a busy bank, results in undetermined data out-
put.
3. The two cycle command should be issued to the same bank address.
4. If the P/E.C. is active, both cycles are ignored.
5. The Clear Status Register command clears the Status Register error bits except when the P/E.C. is busy or suspended.
6. BEFP is allowed only when Status Register bit SR0 is set to ‘0’. BEFP is busy if Block Address is first BEFP Address. Any other
commands are treated as data.
Buffer
Program
in Erase
Suspend
Setup
Buffer Program Load 1 in Erase Suspend (give word count load (N-1)); if N=0 go to Buffer Program confirm. Else (N
not =0) go to Buffer Program Load 2
Buffer
Load 1
Buffer Program Load 2 in Erase Suspend (data load)
Buffer
Load 2
Buffer Program Confirm in Erase Suspend when count =0; Else Buffer Program Load 2 in Erase Suspend (note:
Buffer Program will fail at this point if any block address is different from the first address)
Confirm
Ready (error)
Buffer Program
Busy in Erase
Suspend
Ready (error)
Busy
Buffer Program Busy in Erase Suspend
Buffer
Program
Suspend in
Erase
Suspend
Buffer Program Busy in Erase
Suspend
Suspend
Buffer Program Suspend in Erase Suspend
Buffer Program
Busy in Erase
Suspend
Buffer Program Suspend in Erase Suspend
Lock/CR Setup
in Erase Suspend
Erase Suspend (Lock Error)
Erase Suspend
Erase Suspend (Lock Error)
Buffer
EFP
Setup
Ready (error)
BEFP Busy
Ready (error)
Busy
BEFP Busy (6)
Current CI State
Command Input
Read
Array(2)
(FFh)
Program
Setup
(3,4)
(10/40h)
Buffer
Program
(3,4)
(E8h)
Block
Erase,
Setup
(3,4)
(20h)
BEFP
Setup
(80h)
Erase Confirm
P/E Resume,
Block Unlock
confirm,
BEFP Confirm
(3,4)
(D0h)
Buffer
Program,
Program/
Erase
Suspend
(B0h)
Read
Status
Register
(70h)
Clear
status
Register
(5)
(50h)
Read
Electronic
Signature,
Read CFI
Query
(90h, 98h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com