Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5183R Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC5183R
Description  SILICON TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5183R Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC5183R Datasheet HTML 1Page - Renesas Technology Corp 2SC5183R Datasheet HTML 2Page - Renesas Technology Corp 2SC5183R Datasheet HTML 3Page - Renesas Technology Corp 2SC5183R Datasheet HTML 4Page - Renesas Technology Corp 2SC5183R Datasheet HTML 5Page - Renesas Technology Corp 2SC5183R Datasheet HTML 6Page - Renesas Technology Corp 2SC5183R Datasheet HTML 7Page - Renesas Technology Corp 2SC5183R Datasheet HTML 8Page - Renesas Technology Corp 2SC5183R Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
3
2SC5183R
COLLECTOR CURRENT vs.
COLLECTOR-TO-EMITTER VOLTAGE
25
20
15
10
5
0
2.2
2.4
2.6
DC GAIN vs.
COLLECTOR CURRENT
500
200
100
50
20
10
2
5
10
20
50
100
1
VCE = 1 V
f = 2 GHz
16
14
12
10
8
6
4
2
1
2
20
100
14
12
10
8
6
4
12
5
10
2 V
VCE = 1 V
f = 2 GHz
4
3
2
1
0
2
5
10
20
100
1
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
FORWARD TRANSFER GAIN vs.
COLLECTOR CURRENT
NOISE FIGURE vs.
COLLECTOR CURRENT
0.6
0.4
1.0
2.0
3.0
4.0
5.0
FEEDBACK CAPACITANCE vs.
COLLECTOR-TO-BASE VOLTAGE
0.3
f = 1 MHz
510
50
2 V
20
50
100
50
0.5
Collector-to-emitter voltage VCE (V)
Collector current IC (mA)
Collector current IC (mA)
Collector current IC (mA)
Collector current IC (mA)
Collector-to-base voltage VCB (V)
0.2
200
µ A
180
µ A
160
µ A
140
µ A
120
µ A
100
µ A
80
µ A
60
µ A
40
µ A
I B=20
µ A
VCE = 2 V
VCE = 1 V
VCE = 1 V
f = 2 GHz
VCE = 2 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com