Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5183R Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC5183R
Description  SILICON TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5183R Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SC5183R Datasheet HTML 2Page - Renesas Technology Corp 2SC5183R Datasheet HTML 3Page - Renesas Technology Corp 2SC5183R Datasheet HTML 4Page - Renesas Technology Corp 2SC5183R Datasheet HTML 5Page - Renesas Technology Corp 2SC5183R Datasheet HTML 6Page - Renesas Technology Corp 2SC5183R Datasheet HTML 7Page - Renesas Technology Corp 2SC5183R Datasheet HTML 8Page - Renesas Technology Corp 2SC5183R Datasheet HTML 9Page - Renesas Technology Corp 2SC5183R Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
5
2SC5183R
VCE = 1 V, IC = 7 mA, Zo = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.626
–44.6
15.305
141.4
0.039
71.6
0.817
–28.6
400.00
0.446
–75.6
11.046
117.5
0.061
60.1
0.608
–44.8
600.00
0.324
–100.3
8.281
102.6
0.081
54.9
0.475
–53.3
800.00
0.259
–123.9
6.585
90.9
0.101
55.1
0.386
–58.3
1000.00
0.227
–147.9
5.416
82.0
0.116
52.3
0.324
–62.0
1200.00
0.218
–170.2
4.559
74.4
0.130
50.0
0.283
–66.1
1400.00
0.235
174.1
3.971
67.5
0.151
49.2
0.243
–73.8
1600.00
0.245
158.1
3.502
61.3
0.162
46.5
0.219
–79.1
1800.00
0.262
145.6
3.087
55.6
0.181
44.9
0.193
–89.0
2000.00
0.291
136.7
2.821
50.0
0.197
41.3
0.160
–94.3
2200.00
0.319
127.8
2.558
44.8
0.206
37.0
0.157
–103.0
2400.00
0.344
122.8
2.392
39.8
0.230
35.6
0.140
–116.8
2600.00
0.385
116.5
2.223
34.9
0.238
33.3
0.123
–127.2
2800.00
0.406
112.7
2.102
29.5
0.265
31.4
0.109
–140.7
3000.00
0.424
103.3
1.934
24.1
0.270
25.9
0.143
–164.1
VCE = 1 V, IC = 10 mA, Zo = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.522
–52.6
17.862
135.4
0.037
67.1
0.753
–33.4
400.00
0.352
–85.4
12.003
111.9
0.059
58.8
0.528
–48.7
600.00
0.254
–113.2
8.704
98.2
0.073
60.9
0.407
–55.6
800.00
0.213
–137.8
6.819
87.5
0.095
57.5
0.323
–60.4
1000.00
0.202
–162.9
5.571
79.2
0.113
55.9
0.271
–64.3
1200.00
0.206
176.6
4.672
72.2
0.127
54.6
0.236
–70.0
1400.00
0.229
162.4
4.057
65.8
0.149
52.7
0.201
–76.8
1600.00
0.246
148.9
3.570
59.9
0.163
50.0
0.181
–84.0
1800.00
0.269
136.1
3.154
54.3
0.181
47.5
0.155
–93.3
2000.00
0.291
130.9
2.880
48.9
0.202
43.7
0.134
–102.0
2200.00
0.315
123.6
2.606
44.0
0.213
41.1
0.132
–113.6
2400.00
0.344
119.3
2.430
38.9
0.230
37.5
0.118
–131.8
2600.00
0.383
114.1
2.261
34.4
0.246
35.6
0.101
–143.1
2800.00
0.407
109.0
2.135
29.2
0.269
32.5
0.099
–156.8
3000.00
0.437
102.5
1.968
23.8
0.280
26.4
0.144
–177.6
VCE = 1 V, IC = 20 mA, Zo = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.339
–73.6
21.029
125.3
0.030
69.4
0.606
–42.1
400.00
0.229
–112.5
12.708
103.7
0.051
65.5
0.390
–54.8
600.00
0.185
–146.6
8.896
91.9
0.076
66.7
0.291
–60.3
800.00
0.191
–169.2
6.844
82.6
0.094
61.4
0.237
–63.9
1000.00
0.203
171.9
5.545
75.2
0.117
61.5
0.190
–69.2
1200.00
0.223
157.5
4.636
68.8
0.132
57.9
0.166
–76.1
1400.00
0.253
147.3
4.022
62.9
0.151
53.6
0.144
–84.7
1600.00
0.276
137.6
3.531
57.4
0.176
50.7
0.127
–99.6
1800.00
0.294
129.5
3.113
52.1
0.185
49.3
0.109
–112.8
2000.00
0.320
124.1
2.840
47.0
0.208
45.0
0.103
–131.8
2200.00
0.354
117.7
2.562
42.1
0.228
42.2
0.102
–141.3
2400.00
0.375
114.8
2.398
37.4
0.244
40.0
0.105
–167.8
2600.00
0.409
110.0
2.226
33.0
0.258
35.2
0.103
–176.7
2800.00
0.429
105.6
2.094
27.9
0.285
31.6
0.119
174.6
3000.00
0.459
99.1
1.936
22.4
0.296
26.4
0.166
164.1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com