Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5183R Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SC5183R
Description  SILICON TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5183R Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SC5183R Datasheet HTML 2Page - Renesas Technology Corp 2SC5183R Datasheet HTML 3Page - Renesas Technology Corp 2SC5183R Datasheet HTML 4Page - Renesas Technology Corp 2SC5183R Datasheet HTML 5Page - Renesas Technology Corp 2SC5183R Datasheet HTML 6Page - Renesas Technology Corp 2SC5183R Datasheet HTML 7Page - Renesas Technology Corp 2SC5183R Datasheet HTML 8Page - Renesas Technology Corp 2SC5183R Datasheet HTML 9Page - Renesas Technology Corp 2SC5183R Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
6
2SC5183R
VCE = 2 V, IC = 1 mA, Zo = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.944
–16.2
3.536
165.1
0.039
79.8
0.983
–8.7
400.00
0.903
–31.6
3.412
151.1
0.074
68.9
0.953
–17.1
600.00
0.840
–47.7
3.270
137.7
0.108
60.6
0.911
–25.0
800.00
0.773
–63.7
3.130
123.8
0.133
51.5
0.853
–32.6
1000.00
0.684
–79.5
2.932
111.7
0.154
43.3
0.797
–37.9
1200.00
0.606
–96.4
2.693
100.0
0.172
36.6
0.735
–44.3
1400.00
0.539
–112.9
2.503
89.5
0.181
30.9
0.675
–50.7
1600.00
0.484
–128.8
2.298
79.2
0.181
26.2
0.628
–54.5
1800.00
0.432
–144.8
2.104
70.6
0.183
21.3
0.585
–59.8
2000.00
0.422
–161.6
1.968
62.3
0.184
18.9
0.553
–63.6
2200.00
0.408
–175.8
1.807
54.9
0.187
16.4
0.526
–67.9
2400.00
0.418
169.6
1.717
47.8
0.189
14.3
0.488
–72.5
2600.00
0.428
156.9
1.619
41.4
0.188
12.2
0.467
–75.4
2800.00
0.444
146.3
1.527
34.3
0.199
13.9
0.446
–81.4
3000.00
0.471
135.0
1.427
27.9
0.196
13.5
0.419
–91.1
VCE = 2 V, IC = 3 mA, Zo = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.827
–25.9
9.104
156.0
0.037
77.0
0.943
–15.4
400.00
0.713
–47.8
7.914
136.1
0.068
59.6
0.831
–28.1
600.00
0.582
–67.5
6.749
120.1
0.088
56.1
0.731
–37.2
800.00
0.476
–85.7
5.790
106.1
0.103
51.5
0.632
–44.0
1000.00
0.381
–103.9
4.988
95.3
0.118
45.6
0.555
–47.6
1200.00
0.322
–123.1
4.304
85.7
0.125
43.7
0.501
–52.6
1400.00
0.285
–141.8
3.812
77.4
0.137
39.8
0.445
–57.0
1600.00
0.258
–160.4
3.399
69.8
0.148
41.5
0.408
–61.2
1800.00
0.248
–178.5
3.026
63.2
0.162
39.1
0.370
–65.2
2000.00
0.263
165.2
2.776
56.6
0.168
37.1
0.339
–69.6
2200.00
0.276
152.1
2.523
50.7
0.182
35.0
0.324
–73.6
2400.00
0.300
142.8
2.368
45.1
0.192
33.1
0.292
–78.0
2600.00
0.337
133.1
2.218
39.8
0.206
31.3
0.273
–81.2
2800.00
0.353
125.5
2.095
33.7
0.222
29.2
0.252
–86.9
3000.00
0.381
115.9
1.935
27.9
0.225
25.9
0.228
–102.4
VCE = 2 V, IC = 5 mA, Zo = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.734
–32.7
12.966
149.3
0.035
74.4
0.894
–20.4
400.00
0.576
–57.2
10.301
126.8
0.059
60.1
0.735
–34.3
600.00
0.432
–77.6
8.183
111.1
0.078
55.5
0.616
–42.1
800.00
0.337
–96.1
6.721
98.3
0.092
55.5
0.520
–47.2
1000.00
0.263
–116.6
5.619
88.8
0.106
51.3
0.455
–50.3
1200.00
0.216
–138.0
4.788
80.4
0.121
51.2
0.404
–53.7
1400.00
0.206
–160.4
4.191
73.1
0.136
48.5
0.363
–58.4
1600.00
0.191
–179.5
3.722
66.5
0.144
47.4
0.329
–61.8
1800.00
0.199
161.0
3.298
60.3
0.158
45.1
0.298
–67.4
2000.00
0.230
150.7
3.024
54.5
0.167
41.0
0.266
–72.0
2200.00
0.250
138.1
2.741
48.8
0.189
40.0
0.264
–75.7
2400.00
0.273
131.2
2.565
43.7
0.200
38.1
0.228
–82.1
2600.00
0.313
124.0
2.394
38.8
0.217
36.0
0.204
–86.1
2800.00
0.341
117.4
2.257
33.2
0.225
33.6
0.193
–90.5
3000.00
0.362
109.1
2.089
27.8
0.249
28.1
0.171
–112.3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com