Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5183R Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 2SC5183R
Description  SILICON TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5183R Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 2SC5183R Datasheet HTML 2Page - Renesas Technology Corp 2SC5183R Datasheet HTML 3Page - Renesas Technology Corp 2SC5183R Datasheet HTML 4Page - Renesas Technology Corp 2SC5183R Datasheet HTML 5Page - Renesas Technology Corp 2SC5183R Datasheet HTML 6Page - Renesas Technology Corp 2SC5183R Datasheet HTML 7Page - Renesas Technology Corp 2SC5183R Datasheet HTML 8Page - Renesas Technology Corp 2SC5183R Datasheet HTML 9Page - Renesas Technology Corp 2SC5183R Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
7
2SC5183R
VCE = 2 V, IC = 7 mA, Zo = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.653
–37.7
15.782
144.1
0.034
69.7
0.853
–23.8
400.00
0.475
–63.8
11.759
120.9
0.055
65.6
0.666
–37.6
600.00
0.338
–84.5
8.990
106.0
0.071
60.1
0.546
–43.9
800.00
0.255
–104.5
7.211
94.1
0.084
55.5
0.460
–47.5
1000.00
0.200
–125.2
5.957
85.3
0.102
56.3
0.397
–50.5
1200.00
0.166
–150.4
5.029
77.6
0.121
55.0
0.360
–53.1
1400.00
0.168
–171.1
4.395
71.0
0.132
53.0
0.319
–58.2
1600.00
0.168
168.4
3.883
64.7
0.148
50.3
0.290
–62.7
1800.00
0.184
151.8
3.442
58.9
0.162
48.1
0.254
–69.2
2000.00
0.215
141.5
3.142
53.4
0.179
44.4
0.232
–72.5
2200.00
0.242
129.3
2.855
48.1
0.182
42.2
0.217
–78.3
2400.00
0.264
124.5
2.660
42.9
0.204
39.4
0.189
–89.1
2600.00
0.310
119.2
2.476
38.4
0.218
36.0
0.169
–91.6
2800.00
0.331
112.8
2.334
33.0
0.240
34.1
0.156
–93.9
3000.00
0.350
108.0
2.164
27.8
0.250
29.0
0.153
–118.7
VCE = 2 V, IC = 10 mA, Zo = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.551
–43.3
18.674
138.6
0.031
69.7
0.800
–27.6
400.00
0.373
–69.6
12.955
115.2
0.051
65.3
0.590
–39.9
600.00
0.248
–90.3
9.543
101.3
0.068
62.3
0.478
–45.3
800.00
0.188
–112.1
7.543
90.6
0.082
62.2
0.403
–47.7
1000.00
0.144
–137.4
6.175
82.4
0.098
58.4
0.352
–50.5
1200.00
0.135
–163.1
5.195
75.3
0.117
57.7
0.317
–53.2
1400.00
0.144
176.0
4.525
69.2
0.134
53.6
0.281
–57.5
1600.00
0.159
156.1
3.994
63.3
0.150
52.1
0.259
–61.9
1800.00
0.176
138.6
3.529
57.9
0.160
51.2
0.228
–68.3
2000.00
0.210
131.3
3.231
52.7
0.179
47.0
0.201
–71.4
2200.00
0.237
125.1
2.933
47.6
0.194
44.2
0.185
–81.2
2400.00
0.267
119.1
2.740
42.7
0.207
41.5
0.162
–90.7
2600.00
0.302
114.0
2.555
38.2
0.219
38.3
0.143
–90.9
2800.00
0.340
111.0
2.396
32.7
0.236
35.2
0.127
–101.1
3000.00
0.360
103.5
2.205
27.7
0.256
29.8
0.134
–127.4
VCE = 2 V, IC = 20 mA, Zo = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.367
–54.7
22.865
129.1
0.026
73.5
0.682
–33.0
400.00
0.223
–82.7
14.270
107.1
0.045
68.7
0.477
–42.2
600.00
0.142
–107.6
10.122
95.3
0.062
67.7
0.389
–44.6
800.00
0.108
–137.1
7.845
86.0
0.084
67.2
0.327
–46.8
1000.00
0.108
–170.1
6.376
78.6
0.101
63.4
0.291
–48.1
1200.00
0.122
168.0
5.346
72.3
0.118
60.7
0.260
–52.5
1400.00
0.141
148.9
4.638
66.6
0.135
57.8
0.232
–57.7
1600.00
0.159
137.5
4.087
61.3
0.152
56.9
0.209
–62.8
1800.00
0.193
127.3
3.611
56.1
0.169
52.1
0.184
–70.4
2000.00
0.217
123.6
3.297
51.2
0.183
50.3
0.158
–76.2
2200.00
0.245
117.4
2.987
46.3
0.203
46.5
0.147
–84.1
2400.00
0.278
113.9
2.801
41.7
0.221
43.5
0.127
–95.5
2600.00
0.314
110.1
2.597
37.3
0.232
40.0
0.110
–104.8
2800.00
0.335
106.1
2.458
32.2
0.260
36.6
0.096
–109.1
3000.00
0.357
99.8
2.259
26.7
0.262
30.8
0.117
–143.4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com