Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5183R Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC5183R
Description  SILICON TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5183R Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 2SC5183R Datasheet HTML 2Page - Renesas Technology Corp 2SC5183R Datasheet HTML 3Page - Renesas Technology Corp 2SC5183R Datasheet HTML 4Page - Renesas Technology Corp 2SC5183R Datasheet HTML 5Page - Renesas Technology Corp 2SC5183R Datasheet HTML 6Page - Renesas Technology Corp 2SC5183R Datasheet HTML 7Page - Renesas Technology Corp 2SC5183R Datasheet HTML 8Page - Renesas Technology Corp 2SC5183R Datasheet HTML 9Page - Renesas Technology Corp 2SC5183R Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
4
2SC5183R
S PARAMETERS
VCE = 1 V, IC = 1 mA, Zo = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.939
–18.1
3.502
164.0
0.046
75.5
0.982
–10.2
400.00
0.896
–34.7
3.354
149.0
0.090
67.8
0.938
–19.8
600.00
0.821
–52.0
3.189
134.7
0.129
58.2
0.891
–28.9
800.00
0.754
–69.6
3.019
120.1
0.154
47.7
0.821
–37.2
1000.00
0.662
–86.6
2.797
107.6
0.180
40.3
0.750
–43.0
1200.00
0.587
–103.2
2.549
95.6
0.196
33.5
0.687
–49.7
1400.00
0.529
–121.1
2.353
84.9
0.203
26.1
0.627
–56.9
1600.00
0.480
–137.1
2.157
74.7
0.208
21.5
0.572
–61.4
1800.00
0.441
–154.9
1.961
66.2
0.215
16.7
0.527
–67.0
2000.00
0.436
–170.7
1.824
57.9
0.213
14.3
0.485
–70.8
2200.00
0.427
174.4
1.673
50.3
0.210
11.6
0.458
–75.3
2400.00
0.434
163.8
1.588
43.6
0.206
9.7
0.435
–81.6
2600.00
0.461
150.8
1.504
36.8
0.210
10.1
0.413
–85.1
2800.00
0.472
141.8
1.410
30.1
0.220
10.1
0.391
–91.6
3000.00
0.498
131.3
1.314
23.3
0.210
4.9
0.361
–102.3
VCE = 1 V, IC = 3 mA, Zo = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.814
–29.5
9.022
154.0
0.047
75.7
0.930
–18.2
400.00
0.691
–54.3
7.707
132.8
0.077
64.2
0.801
–33.5
600.00
0.552
–76.7
6.431
116.4
0.103
54.4
0.679
–43.6
800.00
0.458
–97.4
5.442
102.2
0.120
48.2
0.572
–51.0
1000.00
0.377
–117.4
4.633
91.3
0.130
45.8
0.492
–55.9
1200.00
0.324
–137.3
3.974
81.8
0.143
41.6
0.432
–61.6
1400.00
0.302
–156.7
3.506
73.5
0.156
38.0
0.376
–67.2
1600.00
0.291
–174.1
3.114
66.0
0.163
37.7
0.343
–72.7
1800.00
0.293
169.8
2.770
59.3
0.177
35.6
0.308
–78.0
2000.00
0.307
156.1
2.540
52.8
0.192
33.1
0.274
–82.8
2200.00
0.329
145.5
2.297
46.8
0.201
30.8
0.251
–86.2
2400.00
0.361
137.1
2.160
41.1
0.220
30.0
0.222
–95.2
2600.00
0.386
128.9
2.017
35.7
0.225
26.7
0.204
–100.8
2800.00
0.408
121.5
1.904
30.0
0.244
26.2
0.188
–106.8
3000.00
0.433
113.5
1.760
24.1
0.251
21.4
0.190
–126.4
VCE = 1 V, IC = 5 mA, Zo = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.711
–38.3
12.750
146.7
0.040
68.6
0.870
–24.6
400.00
0.545
–66.7
9.866
123.4
0.066
58.5
0.686
–40.6
600.00
0.408
–90.5
7.672
107.6
0.086
54.8
0.553
–49.8
800.00
0.330
–112.0
6.228
94.8
0.107
51.2
0.451
–56.2
1000.00
0.275
–135.4
5.180
85.2
0.118
48.8
0.385
–59.7
1200.00
0.248
–156.0
4.383
77.0
0.137
47.4
0.337
–65.0
1400.00
0.249
–175.0
3.837
69.7
0.147
46.0
0.294
–71.2
1600.00
0.251
167.3
3.385
62.9
0.163
43.1
0.257
–75.9
1800.00
0.264
153.7
2.991
56.8
0.176
42.2
0.224
–83.7
2000.00
0.295
143.5
2.740
51.0
0.193
38.8
0.195
–89.5
2200.00
0.319
133.6
2.476
45.5
0.203
35.9
0.183
–94.2
2400.00
0.339
127.8
2.317
40.3
0.221
34.3
0.163
–109.5
2600.00
0.380
120.5
2.161
35.3
0.233
30.8
0.141
–114.4
2800.00
0.405
115.7
2.042
29.6
0.253
30.2
0.133
–122.3
3000.00
0.425
108.2
1.880
24.1
0.263
24.5
0.152
–147.9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com