Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1941T-1E/4MX. Datasheet(PDF) 21 Page - Microchip Technology

Part # PAC1941T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1941T-1E/4MX. Datasheet(HTML) 21 Page - Microchip Technology

Back Button PAC1941T-1E/4MX. Datasheet HTML 17Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 18Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 19Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 20Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 21Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 22Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 23Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 24Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 96 page
background image
 2021 Microchip Technology Inc.
DS20006543A-page 21
PAC194X
4.0
GENERAL DESCRIPTION
The PAC194X is an up to four-channel, bidirectional,
high-side/low-side current-sensing device with preci-
sion voltage measurement capabilities, DSP for power
calculation and a power accumulator. PAC1941,
PAC1942 and PAC1943 are one, two and three-chan-
nel versions of the PAC1944. These devices measure
the voltage developed across an external sense resis-
tor (VSENSE) to represent the current of a battery or
voltage regulator.
The PAC194X also measures the SENSE+ pin
voltages (VBUS). Both VBUS and VSENSE are converted
to digital results by a 16-bit ADC and the digital results
are multiplied to give VPOWER. The VPOWER results are
accumulated on-chip, which enables energy measure-
ment over the accumulation period.
The PAC194X has an I2C/SMBus interface for digital
control and reading results. A system diagram is shown
in Figure 4-1.
FIGURE 4-1:
PAC194X-1 Typical Application Diagram.
FIGURE 4-2:
PAC194X-2 Low-Side Typical Application Diagram.
PAC194X
System
Host
SM_DATA
SM_CLK
VSOURCE 0V – 9V
Sense
Resistors
VDD
1.62V to 5.5V
Digital Supply
GND
2.7V to 5.5V
VSOURCE 0V – 9V
VSOURCE 0V – 9V
VSOURCE 0V – 9V
Load
Load
Load
Load
SLOW/ALERT1
PWRDN
ADDRSEL
GPIO/ALERT2
PAC1942-2
System
Host
SMDATA
SMCLK
Sense
Resistor
VDD
1.62V to 5.5V
Digital Supply
GND
2.7V to 5.5V
VSOURCE 0V – >>40v
Load
ALERT1
PWRDWN
ADDRSEL
ALERT2
VSOURCE 0V – 9V
Load
Sense Resistor
Note:
The application depicts a low-side configuration for Channel 2 and a high-side configuration for Channel 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com