Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1941T-1E/4MX. Datasheet(PDF) 77 Page - Microchip Technology

Part # PAC1941T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1941T-1E/4MX. Datasheet(HTML) 77 Page - Microchip Technology

Back Button PAC1941T-1E/4MX. Datasheet HTML 73Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 74Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 75Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 76Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 77Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 78Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 79Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 80Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 96 page
background image
 2021 Microchip Technology Inc.
DS20006543A-page 77
PAC194X
REGISTER 7-34:
ALERT ENABLE (49H) REGISTER
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
CH1OC
CH2OC
CH3OC
CH4OC
CH1UC
CH2UC
CH3UC
CH4UC
bit 23
bit 16
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
CH1OV
CH2OV
CH3OV
CH4OV
CH1UV
CH2UV
CH3UV
CH4UV
bit 15
bit 8
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
U-0
CH1OP
CH2OP
CH3OP
CH4OP
ACC_OVF
ACC_COUNT ALERT_CC
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
Write to these bits to enable ALERT functions. See Section 5.16.4, "ALERT Functionality – Voltage, Current and
Power". To enable OC, UC, OP, OV, UV ALERTs, write ‘1’ to the appropriate bit. ALERTs must be enabled in this reg-
ister before they can be routed to an ALERT pin. Disable ALERTs in this register before modifying any of the various
limits in Register 7-24, Register 7-25, Register 7-26, Register 7-27, Register 7-28 to avoid false triggers. A
REFRESH (or REFRESH_V/G) is required to activate the enabled ALERTs.
bit 23
CH1OC:
0 = ALERT for overcurrent on Channel 1 is disabled
1 = ALERT for overcurrent on Channel 1 is enabled
bit 22
CH2OC:
0 = ALERT for overcurrent on Channel 2 is disabled
1 = ALERT for overcurrent on Channel 2 is enabled
bit 21
CH3OC:
0 = ALERT for overcurrent on Channel 3 is disabled
1 = ALERT for overcurrent on Channel 3 is enabled
bit 20
CH4OC:
0 = ALERT for overcurrent on Channel 4 is disabled
1 = ALERT for overcurrent on Channel 4 is enabled
bit 19
CH1UC:
0 = ALERT for undercurrent on Channel 1 is disabled
1 = ALERT for undercurrent on Channel 1 is enabled
bit 18
CH2UC:
0 = ALERT for undercurrent on Channel 2 is disabled
1 = ALERT for undercurrent on Channel 2 is enabled
bit 17
CH3UC:
0 = ALERT for undercurrent on Channel 3 is disabled
1 = ALERT for undercurrent on Channel 3 is enabled
bit 16
CH4UC:
0 = ALERT for undercurrent on Channel 4 is disabled
1 = ALERT for undercurrent on Channel 4 is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com