Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1941T-1E/4MX. Datasheet(PDF) 46 Page - Microchip Technology

Part # PAC1941T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1941T-1E/4MX. Datasheet(HTML) 46 Page - Microchip Technology

Back Button PAC1941T-1E/4MX. Datasheet HTML 42Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 43Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 44Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 45Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 46Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 47Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 48Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 49Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 96 page
background image
PAC194X
DS20006543A-page 46
 2021 Microchip Technology Inc.
bit 7-4
CHANNEL_N_OFF[3:0]:
Allow one or more channels to be disabled (bit value = 1) during the conversion cycle. A bit value = 0
means the channel is active. These settings apply for normal continuous round robin conversion
cycles or Single-Shot mode, if Single-Shot mode is selected. If a channel is set to inactive, the
auto-incrementing address pointer will skip addresses associated with that channel unless the No Skip
bit 1 in Register 7-10 is set.
Channel 1: bit 3
Channel 2: bit 2
Channel 3: bit 1
Channel 4: bit 0
Example: Channel 2 disabled, Channel 1, 3 and 4 enabled. CHANNEL_N_OFF = 0b0100.
In PAC194X devices, deactivating channels allows faster sampling. Burst or Fast modes are selected
using bits [15:12] in this register.
PAC1944-1 default = 0b0000 (register default 0700h) (shown above)
PAC1943-1 default = 0b0001 (register value 0710h)
PAC1942-1 default = 0b0011 (register value 0730h)
PAC1942-2 default = 0b0011 (register value 0730h)
PAC1941-1 default = 0b0111 (register value 0770h)
PAC1941-2 default = 0b0111 (register value 0770h)
bit 3-0
Unimplemented, read as ‘0’.
REGISTER 7-3:
ACC_COUNT (02H) REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ACC_COUNT[31:24]
bit 31
bit 24
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ACC_COUNT[23:16]
bit 23
bit 16
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ACC_COUNT[15:8]
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ACC_COUNT[7:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31-0
ACC_COUNT[31:0]: This register contains the count for each time a power result is summed in the
accumulator.
REGISTER 7-2:
CTRL (ADDRESS 01H) REGISTER (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com