Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1941T-1E/4MX. Datasheet(PDF) 38 Page - Microchip Technology

Part # PAC1941T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1941T-1E/4MX. Datasheet(HTML) 38 Page - Microchip Technology

Back Button PAC1941T-1E/4MX. Datasheet HTML 34Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 35Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 36Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 37Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 38Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 39Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 40Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 41Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 96 page
background image
PAC194X
DS20006543A-page 38
 2021 Microchip Technology Inc.
6.6.5
SEND BYTE
The Send Byte protocol is used to set the internal
address register pointer to the correct address loca-
tion. No data are transferred during the Send Byte
protocol, as shown in Table 6-7.
6.6.6
RECEIVE BYTE
The Receive Byte protocol is used to read data from a
register when the internal register address pointer is
known to be at the right location (e.g., set via Send
Byte). This is shown in Table 6-8.
When an ACK is received after the register data, the
address pointer automatically increments.
When a NACK is received after the register data, the
address pointer stays at the same position.
If the host wishes to continue clocking and reading the
next register, the host will ACK after the register data,
instead of sending NACK followed by STOP.
If some channels are deactivated, their data registers
will be skipped by the auto-incrementing pointer. Alter-
natively, you may set bit 0 in Register 7-10 and the
pointer will not skip the addresses associated with the
inactive channels. The measurement data for these
inactive channels will read FFh.
6.6.7
BLOCK WRITE – I2C VERSION
Block Write is used to write multiple data bytes from a
register that contains more than one byte of data or
from a group of contiguous registers, as shown in
Table 6-9. The PAC194X supports I2C Block Write by
default, the SMBus format is not supported.
If an invalid register address is specified, the client will
ACK its address but NACK the register address.
The host will NACK the data received from the client
by holding the SMBus data line high after the eighth
data bit is sent.
6.6.8
BLOCK READ – I2C VERSION
Block Read is used to read multiple data bytes from a
register that contains more than one byte of data or
from a group of contiguous registers, as shown in
Table 6-10. The PAC194X supports I2C Block Read by
default, but the SMBus format can also be supported
(see Table 6-11).
If an invalid register address is specified, the client will
ACK its address but NACK the register address.
The host will NACK the data received from the client
by holding the SMBus data line high after the eighth
data bit is sent.
TABLE 6-7:
SEND BYTE PROTOCOL
START
Client Address
WR
ACK
Register Address
ACK
STOP
1 → 0
YYYY_YYY
0
0
XXh
0
0 → 1
TABLE 6-8:
RECEIVE BYTE PROTOCOL
START
Client Address
RD
ACK
Register Data
NACK
STOP
1 → 0
YYYY_YYY
1
0
XXh
1
0 → 1
TABLE 6-9:
BLOCK WRITE PROTOCOL – I2C VERSION (DEFAULT)
START
Client Address
WR
ACK
Register
Address
ACK
Register Data
ACK
1 → 0
YYYY_YYY
0
0
XXh
0
XXh
0
Register
Data
ACK
Register
Data
ACK
Register
Data
ACK
STOP
XXh
0
XXh
0
XXh
0
0 → 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com