Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1941T-1E/4MX. Datasheet(PDF) 35 Page - Microchip Technology

Part # PAC1941T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1941T-1E/4MX. Datasheet(HTML) 35 Page - Microchip Technology

Back Button PAC1941T-1E/4MX. Datasheet HTML 31Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 32Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 33Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 34Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 35Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 36Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 37Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 38Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 96 page
background image
 2021 Microchip Technology Inc.
DS20006543A-page 35
PAC194X
6.4
I2C/SMBus Protocols
The PAC194X supports Write Byte, Block Write, Read
Byte, Block Read, Send Byte and Receive Byte as
valid protocols.
It does not respond to the Alert Response Address
protocol. It responds to the I2C General Call Address.
All the protocol charts listed below use the convention
in Table 6-2.
6.5
Auto-Incrementing Pointer
The PAC194X has an auto-incrementing address
pointer. The pointer has two loops for auto-increment-
ing, a read loop and a write loop.
The read loop includes all the readable registers, all
the configuration and control registers, the results reg-
isters, Product ID, Manufacturer ID and Revision ID
registers.
The write loop includes only the writable control and
configuration registers.
Neither loop includes the REFRESH commands.
The read loop skips the inactive channels, if some
channels are disabled. This automatic channel skip-
ping feature can be disabled by setting the NO SKIP
bit in Register 7-10.
There are two cases to consider when a channel is
disabled and a read is performed on it:
• the SKIP function is OFF, the register address will
be ACKed and the data returned are FFh,
followed by a NACK.
• the SKIP function is ON, the register address will
be NACKed and the data returned are FFh,
followed by a NACK.
In the first case, the channel address is still part of the
register map and is still a valid address, thus the
I2C/SMBus ACK the address. In the second case, the
channel address is removed from the register map and
becomes an invalid address, thus the I2C/SMBus
NACK the address. In both cases, the value returned
is FFh, because the channel is disabled (invalid) and
the I2C/SMBus NACK the data. See Figure 6-2 for a
graphic representation.
TABLE 6-2:
PROTOCOL FORMAT
Data Sent to Device
Data Sent to the Host
# of bits sent
# of bits sent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com