Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1944T-E/J6CX. Datasheet(PDF) 29 Page - Microchip Technology

Part # PAC1944T-E/J6CX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1944T-E/J6CX. Datasheet(HTML) 29 Page - Microchip Technology

Back Button PAC1944T-E/J6CX. Datasheet HTML 25Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 26Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 27Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 28Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 29Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 30Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 31Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 32Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 96 page
background image
 2021 Microchip Technology Inc.
DS20006543A-page 29
PAC194X
As shown in Equation 5-8 and Equation 5-9, it is
necessary to know the sampling frequency and sam-
pling period for each interval that we want to accumu-
late energy over. If the SLOW pin is used and the
period changes, the accumulator value and count
must be fetched and calculated each time the sam-
pling rate changes. With the adaptive accumulator, the
data only need to be fetched before the accumulator
and/or accumulator count overflow and an accurate
energy calculation can be made, independent of how
many times the SLOW pin was asserted and
deasserted during the period. The sample rate for
these calculations is the programmed sample rate.
Because the Adaptive Accumulator mode is the
default mode, the feature of an internal REFRESH
being generated on assertion/deassertion of the
SLOW pin is defaulted to inactive. The user must man-
ually program a REFRESH on SLOW pin transition, if
desired, using Register 7-14.
By programming one of the adaptive accumulator
sampling rates in Register 7-2 other than 1024 SPS,
the accumulator and accumulator count will shift the
data and count to mimic accumulation at 1024 SPS.
5.13.2
ADDITIONAL ACCUMULATOR
INFORMATION
The math for the power calculation and accumulation
inside the chip is always done in two's complement
math, no matter what the user sets the output registers
to show. VBUS and VSENSE are 17-bit two's
complement (signed) numbers internally. VPOWER is
the product of VSENSE multiplied by the 14 MSBs of
VBUS and this is a 30-bit two's complement result
(signed) internally. In some cases, this results in a
power result that is not identical to the product of the
VBUS results register multiplied by the VSENSE register.
However, the power result from the VPOWER results
register is more accurate than the product of the VBUS
register multiplied by the VSENSE register in these
cases, as explained below.
If VSENSE and VBUS are both programmed to be
unsigned (unipolar) in register Register 7-11, 16 bits
without sign are exported to the VBUS and VSENSE
results registers.
If VBUS is programmed to be signed (bipolar) in
Register 7-11, the corresponding data are truncated to
16-bit two's complement (signed) for the readable
results register.
If VSENSE is programmed to be signed (bidirectional) in
register Register 7-11, the corresponding VSENSE
register value is truncated to 16-bit two's complement,
but
the
power
calculation
uses
17-bit
two's
complement. Therefore, a mismatch is possible
between an externally calculated power value (VBUS
times VSENSE) and the actual power value calculated
internally to the chip.
The internally calculated (and accumulated) value is
more accurate than the externally calculated value in
every case.
This is also true for FSR/2 modes, in that the FSR/2
mode uses bit shifting to change the FSR so no accu-
racy is lost in the power calculation (similar to Unipolar
mode).
The continuous power integration periods (also called
energy accumulation periods) can range from ~1 ms to
many hours, depending on the number of samples per
second selected via SMBus. The number of samples is
limited by the size of the Accumulator Count register to
4,294,967,296 (232). This count corresponds to about
1165 hours at 1024 SPS or about 17 years at 8 SPS.
This accumulator count can overflow and it will not
reset when it overflows.
When the accumulation registers reach their maximum
value, this is called accumulator overflow. The
accumulator outputs remain at their maximum value;
they do not rollover. The user can calculate the
worst-case time to saturation and read them at or
before that time or use the accumulator fullness limits
to detect when the accumulators and/or accumulator
count are 15/16, 7/8, 3/4 or completely full and read
and/or reset them at that time (see Register 7-23).
Worst-case accumulator overflow time can be
calculated assuming that every measurement that is
accumulated is a full-scale number. Since the power
numbers are 30 bits and the accumulator is 56 bits, 226
samples can be accumulated before overflow, if they
are all full-scale values. For most applications, they will
not all be full-scale numbers; this is especially true if
VBUS is nominally less than the maximum VBUS for the
device. If the maximum VBUS for the system is always
lower than FSR for VBUS, the maximum number of
full-scale samples that can be accumulated is scaled
by FSR/VBUS maximum for the system. If both VBUS
and VSENSE values are always near full scale, this can
limit the accumulation period before overflow to 1092
minutes at 1024 SPS or 2330 hours at 8 SPS. If
sample values are well below full scale, the user can
calculate how many samples can be accumulated
before the accumulator will overflow. As described
above, the accumulator count will likely not limit the
number of samples that can be accumulated and
counted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com