Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1944T-E/J6CX. Datasheet(PDF) 12 Page - Microchip Technology

Part # PAC1944T-E/J6CX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1944T-E/J6CX. Datasheet(HTML) 12 Page - Microchip Technology

Back Button PAC1944T-E/J6CX. Datasheet HTML 8Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 9Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 10Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 11Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 12Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 13Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 14Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 15Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 96 page
background image
PAC194X
DS20006543A-page 12
 2021 Microchip Technology Inc.
Note:
Unless otherwise indicated, maximum values are at TA = -40°C to +125°C, VDD = 2.7V to 5.5V, VBUS = 0V
to 9V. Typical values are at TA = +25°C, VDD = 3.3V, VBUS = 3.3V, VSENSE = (SENSE+ – SENSE-) = 0V.
FIGURE 2-7:
VSENSE Error vs. VSENSE
Input Voltage at Multiple Temperatures.
FIGURE 2-8:
VSENSE Error vs. VSENSE
Input Voltage at Multiple Temperatures.
FIGURE 2-9:
VSENSE Error vs. VSENSE
Input Voltage, Bidirectional Mode (Zoom View).
FIGURE 2-10:
VSENSE Error vs. VSENSE
Input Voltage, Bidirectional Mode (Zoom View).
FIGURE 2-11:
VBUS Error vs. VBUS Input
Voltage.
FIGURE 2-12:
VBUS Error vs. VBUS Input
Voltage at Multiple Temperatures.
10 V
100 V
1mV
10mv
100mv
-50
-40
-30
-20
-10
0
10
20
Sense Input Voltage
VDD: 5.5 , 125˚C
VDD: 5.5 , 85˚C
VDD: 5.5 , 25˚C
VDD: 5.5 , 0˚C
VDD: 5.5 , -40˚C
10 V
100 V
1mV
10mv
100mv
-50
-40
-30
-20
-10
0
10
Sense Input Voltage
VDD 2.7 , 125˚C
VDD: 2.7 , 85˚C
VDD: 2.7 , 25˚C
VDD:
VDD
2.7 , 0˚C
2.7 , -40˚C
-0.006%
-0.004%
-0.002%
0.000%
0.002%
0.004%
0.006%
-1
-0.5
0
0.5
1
Sense Input Voltage (mV)
VDD: 5.5 , 125˚C
VDD: 5.5 , 85˚C
VDD: 5.5 , 25˚C
VDD: 5.5 , 0˚C
VDD: 5.5 , -40˚C
-0.006%
-0.004%
-0.002%
0.000%
0.002%
0.004%
0.006%
-1
-0.5
0
0.5
1
Sense Input Voltage (mV)
VDD:2.7 , 125˚C
VDD:2.7 , 85˚C
VDD:2.7 , 0˚C
VDD:2.7 , -40˚C
VDD:2.7 , 25˚C
-25
-20
-15
-10
-5
0
5
0.0001
0.001
0.01
0.1
1
Input Voltage (V)
VDD: 3.3 , 25˚C
-25
-20
-15
-10
-5
0
5
0.0001
0.001
0.01
0.1
1
Input Voltage (V)
VDD:
VDD:
VDD:
VDD:
VDD:
3.3 , 125˚C
3.3 , 85˚C
3.3 , 25˚C
3.3 , 0˚C
3.3 , -40˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com