Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1944T-E/J6CX. Datasheet(PDF) 34 Page - Microchip Technology

Part # PAC1944T-E/J6CX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1944T-E/J6CX. Datasheet(HTML) 34 Page - Microchip Technology

Back Button PAC1944T-E/J6CX. Datasheet HTML 30Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 31Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 32Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 33Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 34Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 35Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 36Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 37Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 96 page
background image
PAC194X
DS20006543A-page 34
 2021 Microchip Technology Inc.
6.1.5
SMBUS DATA BYTES
All SMBus data bytes are sent MSb first and
composed of 8 bits of information.
6.2
SMBus Time-out
The PAC194X devices can support the SMBus
time-out functionality. This functionality is disabled by
default and can be enabled by writing to the TIMEOUT
bit (see Register 7-10).
If time-out is enabled and the clock is held at logic ‘0’
for 25 ms-35 ms, the device will time-out and reset the
SMBus interface. Communication is restored with a
Start condition.
6.3
SMBus and I2C Compatibility
The PAC194X devices are compatible with the SMBus
3.1 1 MHz class and the I2C Fast mode Plus. The
major differences between SMBus and I2C devices
are highlighted below (for more information, refer to
the SMBus 3.1 and I2C specifications):
1.
The minimum frequency for SMBus communi-
cations is 10 kHz, if the time-out function is
enabled. If the time-out function is disabled
(default condition), there is no minimum
frequency for SMBus communications.
2.
I2C does not have a time-out, this is the default
condition. The SMBus client protocol will reset if
the clock is held at a logic ‘0’ for tTIMEOUT, if
SMBus time-out is enabled in Register 7-10.
3.
I2C devices do not support the Alert Response
Address functionality (which is optional for
SMBus). The PAC194X does not support the
Alert Response Address functionality. Instead,
the ALERT pin, when configured for ALERT, is
an open-drain output pin that may be monitored
by the host or embedded controller.
4.
I2C devices support Block Read and Block Write
differently. The I2C protocol allows for an
unlimited number of bytes to be sent in either
direction. The SMBus protocol for Block Read
and Block Write requires that an additional data
byte indicating the number of bytes to read/write
is transmitted. The PAC194X devices support
the I2C protocol for Block Read by default (no
byte count information is sent). If the Byte Count
bit is set (see Register 7-10), the Byte Count will
be sent as the first data byte in response to the
Block Read command, per SMBus protocol.
5.
SMBus uses fixed logic thresholds for logical
high and low signals. I2C uses levels that are
proportional to VDD. PAC194X uses fixed logic
levels of 0.8V and 1.35V, as specified by
SMBus.
TABLE 6-1:
ADDRESS SELECT
RESISTOR
Resistor (1%)
SMBus Address
0 (GND)
0010 000 (R/W)
499
0010 001 (R/W)
806
0010 010 (R/W)
1,270
0010 011 (R/W)
2,050
0010 100 (R/W)
3,240
0010 101 (R/W)
5,230
0010 110 (R/W)
8,450
0010 111 (R/W)
13,300
0011 000 (R/W)
21,500
0011 001 (R/W)
34,000
0011 010 (R/W)
54,900
0011 011 (R/W)
88,700
0011 100 (R/W)
140,000
0011 101 (R/W)
226,000
0011 110 (R/W)
Tie to VDD
0011 111 (R/W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com