Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1944T-E/J6CX. Datasheet(PDF) 13 Page - Microchip Technology

Part # PAC1944T-E/J6CX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1944T-E/J6CX. Datasheet(HTML) 13 Page - Microchip Technology

Back Button PAC1944T-E/J6CX. Datasheet HTML 9Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 10Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 11Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 12Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 13Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 14Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 15Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 16Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 96 page
background image
 2021 Microchip Technology Inc.
DS20006543A-page 13
PAC194X
Note:
Unless otherwise indicated, maximum values are at TA = -40°C to +125°C, VDD = 2.7V to 5.5V, VBUS = 0V
to 9V. Typical values are at TA = +25°C, VDD = 3.3V, VBUS = 3.3V, VSENSE = (SENSE+ – SENSE-) = 0V.
FIGURE 2-13:
VBUS Error vs. VBUS Input
Voltage at Multiple Temperatures (Zoom View).
FIGURE 2-14:
VBUS Error vs. VBUS Input
Voltage.
FIGURE 2-15:
VBUS Error vs. VBUS Input
Voltage at Multiple Temperatures (Bipolar Mode).
FIGURE 2-16:
VBUS Error vs. VBUS Input
Voltage at Multiple Temperatures.
FIGURE 2-17:
Zero Input Histogram for
VSENSE (LSBs, 8X Average Results, Total
Measurements 10,000).
-2
-1.5
-1
-0.5
0
0.5
1
0.001
0.01
0.1
1
Input Voltage (V)
VDD: 3.3 , 125˚C
VDD: 3.3 , 85˚C
VDD: 3.3 , 25˚C
VDD: 3.3 , 0˚C
VDD: 3.3 , -40˚C
-0.050%
0.000%
0.050%
0.100%
0.150%
0.200%
0.250%
0.300%
-1
1
3
5
7
9
Input Voltage (V)
VDD: 3.3 , 25˚C
-0.2
-0.100%
0.000%
0.100%
0.200%
0.300%
0.400%
0.500%
0.600%
0.700%
0.800%
-0.5
0
0.5
1
Input Voltage (V)
VDD: 3.3 , 25˚C
VDD: 3.3 , -40˚C
VDD: 3.3 , 0˚C
VDD: 3.3 , 85˚C
VDD: 3.3 , 125˚C
-0.2
-0.200%
-0.150%
-0.100%
-0.050%
0.000%
0.050%
0.100%
0.150%
0.200%
02468
Input Voltage (V)
VDD: 3.3 , 25˚C
VDD: 3.3 , -40˚C
VDD: 3.3 , 0˚C
VDD: 3.3 , 85˚C
VDD: 3.3 , 125˚C
0
500
1000
1500
2000
2500
3000
3500
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
ADC Output ( 50 mv Range)
Mean: -0.37 LSB
StDev: 1.21 LSB
LSB: 1.5 V
V
BUS: 3.3V DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com