Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1944T-E/J6CX. Datasheet(PDF) 17 Page - Microchip Technology

Part # PAC1944T-E/J6CX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1944T-E/J6CX. Datasheet(HTML) 17 Page - Microchip Technology

Back Button PAC1944T-E/J6CX. Datasheet HTML 13Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 14Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 15Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 16Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 17Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 18Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 19Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 20Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 96 page
background image
 2021 Microchip Technology Inc.
DS20006543A-page 17
PAC194X
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1 and
Table 3-2.
TABLE 3-1:
PAC194X-1 PIN FUNCTION TABLE
VQFN
WLCSP
Symbol
Pin Type
Description
1
C3
SLOW/ALERT1
Digital I/O Pin
Default: SLOW Input pin. When high, all channels
sample at 8 SPS. The pin may be programmed to
function as the ALERT1 pin or GPIO (open-drain).
2A4
VDD
Power for IC
Positive power supply voltage.
3
B4
GND
Ground Pin
Ground for the IC.
4
C4
SCL
SMBus Clock
Input
Clock Input pin.
5
D4
SDA
SMBus Data I/O
Open-drain requires a pull-up resistor to Host VDD.
6
C2
ADDRSEL
Analog I/O Pin
Address selection for the SMBus client address.
7C1(2)
SENSE3-(1)
Analog Input Pin
0-FSR, connect to the load side of the sense resistor.
8D1(2)
SENSE3+(1)
Analog Input Pin
0-FSR, connect to the supply side of the sense
resistor.
9D2(2)
SENSE4-(1)
Analog Input Pin
0-FSR, connect to the load side of the sense resistor.
10
D3(2)
SENSE4+(1)
Analog Input Pin
0-FSR, connect to the supply side of the sense
resistor.
11
A3
SENSE1+
Analog Input Pin
0-FSR, connect to the supply side of the sense
resistor.
12
A2
SENSE1-
Analog Input Pin
0-FSR, connect to the load side of the sense resistor.
13
A1(2)
SENSE2+(1)
Analog Input Pin
0-FSR, connect to the supply side of the sense
resistor.
14
B1(2)
SENSE2-(1)
Analog Input Pin
0-FSR, connect to the load side of the sense resistor.
15
B2
GPIO/ALERT2
Digital I/O Pin
Default: GPIO, Input mode. May be programmed to
be the ALERT2 pin indicator (open-drain) or GPIO
(open-drain).
16
B3
PWRDN
Digital Input Pin
Active-low puts the device in a Power-Down state (all
circuitry is powered down, including SMBus).
17
—
EP
N/C
The Exposed Pad is not electrically connected.
Note 1: VQFN Package: for PAC1941-1, pins 7, 8, 9, 10, 13 and 14 are not connected inside and must be
grounded. For PAC1942-1, pins 7, 8, 9 and 10 are not connected inside and must be grounded. For
PAC1943-1, pins 9 and 10 are not connected inside and must be grounded.
2: WLCSP Package: for PAC1941-1, pins A1, B1, C1, D1, D2 and D3 are inactive and must be grounded.
For PAC1942-1, pins C1,D1, D2, D3 are inactive and must be grounded. For PAC1943-1, pins D2 and D3
are inactive and must be grounded.
3: Analog Input pins: for any unused channels, connect the SENSE+ and SENSE- pins to ground. Voltage
may be applied to the analog input pins before or after VDD is applied to the device.
4: For the analog input pins, the safe operating voltage range is up to 9V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com