Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6563TR
Description  ADVANCED TRANSITION-MODE PFC CONTROLLER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6563TR Datasheet HTML 7Page - STMicroelectronics L6563TR Datasheet HTML 8Page - STMicroelectronics L6563TR Datasheet HTML 9Page - STMicroelectronics L6563TR Datasheet HTML 10Page - STMicroelectronics L6563TR Datasheet HTML 11Page - STMicroelectronics L6563TR Datasheet HTML 12Page - STMicroelectronics L6563TR Datasheet HTML 13Page - STMicroelectronics L6563TR Datasheet HTML 14Page - STMicroelectronics L6563TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
L6563 - L6563A
Typical electrical performance
11/37
5
Typical electrical performance
Figure 3.
Supply current vs supply voltage
Figure 4.
VCC Zener voltage vs TJ
Figure 5.
IC consumption vs TJ
Figure 6.
Feedback reference vs TJ
Figure 7.
Start-up & UVLO vs TJ
Figure 8.
E/A output clamp levels vs TJ
Vc c (V )
0
0.00 5
0.01
0.05
0.1
0.5
1
5
10
Ic c
(m A )
0
5
10
15
2 0
Co = 1 n F
f = 7 0 kH z
T j = 25°C
25
Vc c (V )
0
0.00 5
0.01
0.05
0.1
0.5
1
5
10
Ic c
(m A )
0
5
10
15
2 0
Co = 1 n F
f = 7 0 kH z
T j = 25°C
25
T j(°C )
Vc cz (pin 14 )
(V )
-5 0
0
50
10 0
1 5 0
22
23
24
25
26
27
28
T j(°C )
Vc cz (pin 14 )
(V )
-5 0
0
50
10 0
1 5 0
22
23
24
25
26
27
28
-5 0
0
50
1 0 0
1 50
0.02
0.05
0.1
0.2
0.5
1
2
5
10
Ic c
(m A )
O p eratin g
Q u ie sce n t
D is able d or
du ring O V P
B e fo re s tart-up
V c c = 12 V
C o = 1 nF
f = 7 0 k H z
T j(°C )
Latc h ed off
-5 0
0
50
1 0 0
1 50
0.02
0.05
0.1
0.2
0.5
1
2
5
10
Ic c
(m A )
O p eratin g
Q u ie sce n t
D is able d or
du ring O V P
B e fo re s tart-up
V c c = 12 V
C o = 1 nF
f = 7 0 k H z
T j(°C )
Latc h ed off
V
RE F
(V )
-5 0
0
50
10 0
1 5 0
2.4
2.4 5
2.5
2.5 5
2.6
Vc c = 1 2 V
T j(°C )
(p in 1 )
V
RE F
(V )
-5 0
0
50
10 0
1 5 0
2.4
2.4 5
2.5
2.5 5
2.6
Vc c = 1 2 V
T j(°C )
(p in 1 )
Tj(°C)
VCC-ON
(V)
VCC-OFF
(V)
-50
0
50
100
150
9
9.5
10
10.5
11
11.5
12
12.5
Tj(°C)
VCC-ON
(V)
VCC-OFF
(V)
-50
0
50
100
150
9
9.5
10
10.5
11
11.5
12
12.5
T j(°C )
VCOMP (pin 2)
(V )
-5 0
0
50
10 0
1 5 0
1
2
3
4
5
6
7
Up p e r c la m p
Lo w e r cla m p
V c c = 12 V
T j(°C )
VCOMP (pin 2)
(V )
-5 0
0
50
10 0
1 5 0
1
2
3
4
5
6
7
Up p e r c la m p
Lo w e r cla m p
V c c = 12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com