Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563TR Datasheet(PDF) 33 Page - STMicroelectronics

Part # L6563TR
Description  ADVANCED TRANSITION-MODE PFC CONTROLLER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563TR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L6563TR Datasheet HTML 29Page - STMicroelectronics L6563TR Datasheet HTML 30Page - STMicroelectronics L6563TR Datasheet HTML 31Page - STMicroelectronics L6563TR Datasheet HTML 32Page - STMicroelectronics L6563TR Datasheet HTML 33Page - STMicroelectronics L6563TR Datasheet HTML 34Page - STMicroelectronics L6563TR Datasheet HTML 35Page - STMicroelectronics L6563TR Datasheet HTML 36Page - STMicroelectronics L6563TR Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
L6563 - L6563A
Application examples and ideas
33/37
Figure 48. EVAL6563-80W: Vout vs. Vin relationship (tracking boost)
Figure 49. Line filter (not tested for EMI compliance) used for EVAL6563-80W
evaluation
Figure 50. 250W, wide-range-mains PFC pre-regulator with fixed output voltage
14
3
B1
KBU8M
R1A
820 k
Ω
C1
1 µF
400V
C2
1 µF
FUSE
8A/250V
R3
47 k
Ω
11
12
L6563
13
21
M1
STP12NM50
4
R9A
1 M
Ω
C8
150 µF
450 V
Vout = 400V
Pout =250 W
Vac
88V
to
264V
R8A,B
0.22
Ω
1 W
R10
12.7 k
Ω
+
-
C3
10nF
D2
STTH5L06
R6 33
Ω
C4
1 µF
R1B
820 k
Ω
R2
10 k
Ω
D3 1N4148
R9B
1 M
Ω
NTC1
2.5
Ω
D1
1N5406
C6
470 nF
630 V
R5
6.8 k
Ω
L1
R4
1 M
Ω
Vcc
10.3 to 22 V
R11A
1.87 M
Ω
R12
20 k
Ω
R11B
1.87 M
Ω
6
7
5
R7
390 k
Ω
C5
470nF
8
9
C7
10 nF
10
Boost Inductor (L1) Spec
ETD29x16x10 core, 3C85 ferrite or equivalent
1.5 mmgap for 150 µHprimary inductance
Primary: 74 turns 20xAWG30 (
∅0.3mm)
Secondary: 8 turns 0.1 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com