Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563TR Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6563TR
Description  ADVANCED TRANSITION-MODE PFC CONTROLLER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563TR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6563TR Datasheet HTML 10Page - STMicroelectronics L6563TR Datasheet HTML 11Page - STMicroelectronics L6563TR Datasheet HTML 12Page - STMicroelectronics L6563TR Datasheet HTML 13Page - STMicroelectronics L6563TR Datasheet HTML 14Page - STMicroelectronics L6563TR Datasheet HTML 15Page - STMicroelectronics L6563TR Datasheet HTML 16Page - STMicroelectronics L6563TR Datasheet HTML 17Page - STMicroelectronics L6563TR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Typical electrical performance
L6563 - L6563A
14/37
Figure 21. TBO current mismatch vs TJ
Figure 22. RUN thresholds vs TJ
Figure 23. TBO-INV current mismatch vs
TBO currents
Figure 24. PWM_LATCH high saturation vs TJ
Figure 25. TBO clamp vs TJ
Figure 26. PWM_STOP low saturation vs TJ
Tj(°C)
-50
0
50
100
150
-2.4
-2.2
-2.0
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
I(INV )-I(TBO )
I(INV )
100·
IT BO = 25 µA
IT BO = 250 µA
Vcc = 12 V
Tj(°C)
-50
0
50
100
150
-2.4
-2.2
-2.0
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
I(INV )-I(TBO )
I(INV )
100·
IT BO = 25 µA
IT BO = 250 µA
Vcc = 12 V
T j(°C )
Vp in 1 0
(V )
-5 0
0
50
10 0
1 5 0
0.0
0.2
0.4
0.6
0.8
1.0
Vc c = 1 2 V
ON
O FF
T j(°C )
Vp in 1 0
(V )
-5 0
0
50
10 0
1 5 0
0.0
0.2
0.4
0.6
0.8
1.0
Vc c = 1 2 V
ON
O FF
I(TB O )
0
10 0
20 0
300
40 0
500
600
-2 .3
-2 .2
-2 .1
-2 .0
-1 .9
-1 .8
-1 .7
-1 .6
V c c = 12 V
Tj = 2 5 °C
I(IN V )-I(T B O )
I(IN V )
10 0·
I(TB O )
0
10 0
20 0
300
40 0
500
600
-2 .3
-2 .2
-2 .1
-2 .0
-1 .9
-1 .8
-1 .7
-1 .6
V c c = 12 V
Tj = 2 5 °C
I(IN V )-I(T B O )
I(IN V )
10 0·
T j(°C )
Vp in 8
(V )
-5 0
0
50
10 0
1 5 0
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
Vc c = 1 2 V
Is ou rc e = 5 0 µA
Is o u rc e = 50 0 µA
T j(°C )
Vp in 8
(V )
-5 0
0
50
10 0
1 5 0
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
Vc c = 1 2 V
Is ou rc e = 5 0 µA
Is o u rc e = 50 0 µA
T j(°C )
-5 0
0
50
10 0
1 5 0
2.5
2.7 5
3
3.2 5
3.5
Vc c = 1 2 V
Vp in 3 = 4 V
(V )
Vp in 6
T j(°C )
-5 0
0
50
10 0
1 5 0
2.5
2.7 5
3
3.2 5
3.5
Vc c = 1 2 V
Vp in 3 = 4 V
(V )
Vp in 6
T j(°C )
Vp in 9
(V )
-5 0
0
50
10 0
1 5 0
0.0
1.0
2.0
3.0
4.0
5.0
Vc c = 1 2 V
Is in k = 0 .5 m A
0.5 0
0.4 0
0.3 0
0.2 0
0.1 0
0
T j(°C )
Vp in 9
(V )
-5 0
0
50
10 0
1 5 0
0.0
1.0
2.0
3.0
4.0
5.0
Vc c = 1 2 V
Is in k = 0 .5 m A
0.5 0
0.4 0
0.3 0
0.2 0
0.1 0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com