Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563TR Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6563TR
Description  ADVANCED TRANSITION-MODE PFC CONTROLLER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563TR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6563TR Datasheet HTML 8Page - STMicroelectronics L6563TR Datasheet HTML 9Page - STMicroelectronics L6563TR Datasheet HTML 10Page - STMicroelectronics L6563TR Datasheet HTML 11Page - STMicroelectronics L6563TR Datasheet HTML 12Page - STMicroelectronics L6563TR Datasheet HTML 13Page - STMicroelectronics L6563TR Datasheet HTML 14Page - STMicroelectronics L6563TR Datasheet HTML 15Page - STMicroelectronics L6563TR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Typical electrical performance
L6563 - L6563A
12/37
Figure 9.
Static OVP level vs TJ
Figure 10. Vcs clamp vs TJ
Figure 11. Dynamic OVP current vs TJ
(normalized value)
Figure 12. Current-sense offset vs
mains voltage phase angle
Figure 13. Delay-to-output vs TJ
Figure 14. Ic latch-off level on current sense vs
TJ (L6563 only)
T j(°C )
VCOMP (pin 2)
(V )
-5 0
0
50
1 0 0
15 0
2
2.1
2.2
2.3
2.4
2.5
Vc c = 1 2 V
T j(°C )
VCOMP (pin 2)
(V )
-5 0
0
50
1 0 0
15 0
2
2.1
2.2
2.3
2.4
2.5
Vc c = 1 2 V
T j(°C )
V
C S x (pin 4 )
(V )
-5 0
0
5 0
1 0 0
1 5 0
1
1.1
1.2
1.3
1.4
1.5
Vc c = 1 2 V
V CO M P = U p pe r c lam p
T j(°C )
V
C S x (pin 4 )
(V )
-5 0
0
5 0
1 0 0
1 5 0
1
1.1
1.2
1.3
1.4
1.5
Vc c = 1 2 V
V CO M P = U p pe r c lam p
IOVP
-5 0
0
50
10 0
1 5 0
80 %
90 %
10 0%
11 0%
12 0%
V c c = 12 V
T j(°C )
IOVP
-5 0
0
50
10 0
1 5 0
80 %
90 %
10 0%
11 0%
12 0%
V c c = 12 V
T j(°C )
θ(°)
V
C S o ffs et (p in 4 )
(m V )
0
0 .6 28
1 .25 6
1 .8 84
2 .5 12
3 .14
0
5
10
15
20
25
30
Vc c = 1 2 V
Tj = 2 5 °
V MU LT = 0 to 3V
V FF = 3 V
V MU LT = 0 to 0.7 V
V FF = 0 .7V
θ(°)
V
C S o ffs et (p in 4 )
(m V )
0
0 .6 28
1 .25 6
1 .8 84
2 .5 12
3 .14
0
5
10
15
20
25
30
Vc c = 1 2 V
Tj = 2 5 °
V MU LT = 0 to 3V
V FF = 3 V
V MU LT = 0 to 0.7 V
V FF = 0 .7V
Tj(°C )
tD(H-L)
(ns)
-5 0
0
50
100
150
50
100
150
200
250
300
Vcc = 12 V
Tj(°C )
tD(H-L)
(ns)
-5 0
0
50
100
150
50
100
150
200
250
300
Vcc = 12 V
T j(°C )
Vp in 4
(V )
-5 0
0
50
10 0
1 5 0
1.0
1.2
1.4
1.6
1.8
2.0
Vc c = 1 2 V
T j(°C )
Vp in 4
(V )
-5 0
0
50
10 0
1 5 0
1.0
1.2
1.4
1.6
1.8
2.0
Vc c = 1 2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com