Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6563TR
Description  ADVANCED TRANSITION-MODE PFC CONTROLLER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6563TR Datasheet HTML 9Page - STMicroelectronics L6563TR Datasheet HTML 10Page - STMicroelectronics L6563TR Datasheet HTML 11Page - STMicroelectronics L6563TR Datasheet HTML 12Page - STMicroelectronics L6563TR Datasheet HTML 13Page - STMicroelectronics L6563TR Datasheet HTML 14Page - STMicroelectronics L6563TR Datasheet HTML 15Page - STMicroelectronics L6563TR Datasheet HTML 16Page - STMicroelectronics L6563TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
L6563 - L6563A
Typical electrical performance
13/37
Figure 15. Multiplier characteristics @ VFF = 1V Figure 16. ZCD clamp levels vs TJ
Figure 17. Multiplier characteristics @ VFF = 3V Figure 18. ZCD source capability vs TJ
Figure 19. Multiplier gain vs TJ
Figure 20. VFF & TBO dropouts vs TJ
V
MU L T
(p in 3 ) (V )
VCOM P (pin 2)
(V )
0
0 .2
0.4
0 .6
0.8
1
1 .2
0
0.2
0.4
0.6
0.8
1
2.6
3.0
3.5
4.0
4.5
upper vo ltage
clam p
5.0
5.5
V
CS
(p in 4 )
(V )
Vc c = 12 V
Tj = 25 °C
V
MU L T
(p in 3 ) (V )
VCOM P (pin 2)
(V )
0
0 .2
0.4
0 .6
0.8
1
1 .2
0
0.2
0.4
0.6
0.8
1
2.6
3.0
3.5
4.0
4.5
upper vo ltage
clam p
5.0
5.5
V
CS
(p in 4 )
(V )
Vc c = 12 V
Tj = 25 °C
T j(°C )
V
ZC D (p in 1 1 )
(V )
-5 0
0
50
10 0
1 5 0
-1
0
1
2
3
4
5
6
7
Vc c = 1 2 V
IZC D = ±2.5 m A
U p pe r cla m p
Low er c lam p
T j(°C )
V
ZC D (p in 1 1 )
(V )
-5 0
0
50
10 0
1 5 0
-1
0
1
2
3
4
5
6
7
Vc c = 1 2 V
IZC D = ±2.5 m A
U p pe r cla m p
Low er c lam p
V
MU LT
(pin 3) (V )
VCOM P (pin 2)
(V )
00.5
1
1.5
22.5
3
3 .5
0
0.1
0.2
0.3
0.4
0.5
2.6
3.0
3.5
4.0
4.5
upper voltage
clam p
5.0
5.5
V
CS
(pin 4)
(V )
Vcc = 1 2 V
Tj = 25 °C
V
MU LT
(pin 3) (V )
VCOM P (pin 2)
(V )
00.5
1
1.5
22.5
3
3 .5
0
0.1
0.2
0.3
0.4
0.5
2.6
3.0
3.5
4.0
4.5
upper voltage
clam p
5.0
5.5
V
CS
(pin 4)
(V )
Vcc = 1 2 V
Tj = 25 °C
T j(°C )
I
Z CDsrc
(m A )
-5 0
0
50
1 0 0
1 5 0
-8
-6
-4
-2
0
Vcc = 1 2 V
V ZC D = lo w e r cla m p
T j(°C )
I
Z CDsrc
(m A )
-5 0
0
50
1 0 0
1 5 0
-8
-6
-4
-2
0
Vcc = 1 2 V
V ZC D = lo w e r cla m p
K M
T j(°C )
-5 0
0
50
1 0 0
15 0
0
0.2
0.4
0.6
0.8
1
V c c = 12 V
V CO M P =4 V
V MU L T = V FF =1 V
K M
T j(°C )
-5 0
0
50
1 0 0
15 0
0
0.2
0.4
0.6
0.8
1
V c c = 12 V
V CO M P =4 V
V MU L T = V FF =1 V
Tj (°C )
-50
0
50
100
15 0
-2
0
2
4
6
(m V )
V pin5 - V pin3
V pin6 - V pin5
V cc = 12 V
V pin3 = 2.9 V
Tj (°C )
-50
0
50
100
15 0
-2
0
2
4
6
(m V )
V pin5 - V pin3
V pin6 - V pin5
V cc = 12 V
V pin3 = 2.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com