Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCSM70AM10CT3AG Datasheet(PDF) 5 Page - Microsemi Corporation

Part # MSCSM70AM10CT3AG
Description  Phase Leg SiC MOSFET Power Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSCSM70AM10CT3AG Datasheet(HTML) 5 Page - Microsemi Corporation

  MSCSM70AM10CT3AG Datasheet HTML 1Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 2Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 3Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 4Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 5Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 6Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 7Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 8Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
2.1
Features
The following are key features of the MSCSM70AM10CT3AG device:
• SiC Power MOSFET
◦
Low RDS(on)
◦
High-speed switching
◦
Ultra low loss
• SiC Schottky Diode
◦
Zero reverse recovery
◦
Zero forward recovery
◦
Temperature independent switching behavior
◦
Positive temperature coefficient on VF
• Very low stray inductance
• Kelvin source for easy drive
• Internal thermistor for temperature monitoring
• Aluminum nitride (AlN) substrate for improved thermal performance
2.2
Benefits
The following are benefits of the MSCSM70AM10CT3AG device:
• High-efficiency converter
• Outstanding performance at high-frequency operation
• Direct mounting to heatsink (isolated package)
• Low junction-to-case thermal resistance
• Solderable terminals for power and signal, for easy PCB mounting
• Low profile
• RoHS compliant
2.3
Applications
The MSCSM70AM10CT3AG device is designed for the following applications:
• Uninterruptible power supplies
• Switched mode power supplies
• EV motor and traction drive
• Welding converters
3
Microsemi Proprietary and Confidential MSCSM70AM10CT3AG Datasheet Revision 1.0
Product Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com