Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCSM70AM10CT3AG Datasheet(PDF) 6 Page - Microsemi Corporation

Part # MSCSM70AM10CT3AG
Description  Phase Leg SiC MOSFET Power Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSCSM70AM10CT3AG Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button MSCSM70AM10CT3AG Datasheet HTML 2Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 3Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 4Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 5Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 6Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 7Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 8Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 9Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
3
Electrical Specifications
This section shows the electrical specifications of the MSCSM70AM10CT3AG device.
3.1
SiC MOSFET Characteristics (Per MOSFET)
The following table shows the absolute maximum ratings per SiC MOSFET of the MSCSM70AM10CT3AG
device.
Table 1 • Absolute Maximum Ratings
Unit
Max Ratings
Parameter
Symbol
V
700
Drain-source voltage
VDSS
A
241
1
TC = 25 °C
Continuous drain current
ID
192
1
TC = 80 °C
482
Pulsed drain current
IDM
V
–10/25
Gate-source voltage
VGS
mΩ
9.5
Drain-source ON resistance
RDSon
W
690
TC = 25 °C
Power dissipation
PD
Note:
1. Specification of the SiC MOSFET device, but output current must be limited due to
size of power connectors.
The following table shows the electrical characteristics per SiC MOSFET of the MSCSM70AM10CT3AG device.
Table 2 • Electrical Characteristics
Unit
Max
Typ
Min
Test Conditions
Characteristic
Symbol
µA
200
VGS = 0 V; VDS = 700 V
Zero gate voltage drain current
IDSS
mΩ
9.5
7.5
TJ = 25 °C
VGS = 20 V
ID = 80 A
Drain-source on resistance
RDS(on)
9.5
TJ = 175 °C
V
2.4
1.9
VGS = VDS, ID = 8 mA
Gate threshold voltage
VGS(th)
nA
200
VGS = 20 V, VDS = 0 V
Gate-source leakage current
IGSS
4
Microsemi Proprietary and Confidential MSCSM70AM10CT3AG Datasheet Revision 1.0
Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com