Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCSM70AM10CT3AG Datasheet(PDF) 7 Page - Microsemi Corporation

Part # MSCSM70AM10CT3AG
Description  Phase Leg SiC MOSFET Power Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSCSM70AM10CT3AG Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button MSCSM70AM10CT3AG Datasheet HTML 3Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 4Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 5Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 6Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 7Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 8Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 9Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 10Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
The following table shows the dynamic characteristics per SiC MOSFET of the MSCSM70AM10CT3AG device.
Table 3 • Dynamic Characteristics
Unit
Max
Typ
Min
Test Conditions
Characteristic
Symbol
pF
9000
VGS = 0 V
VDS = 700 V
Input capacitance
Ciss
1020
Output capacitance
Coss
f = 1 MHz
58
Reverse transfer capacitance
Crss
nC
430
VGS = –5 V/20 V
VBus = 470 V
Total gate charge
Qg
116
Gate-source charge
Qgs
ID= 80 A
70
Gate-drain charge
Qgd
ns
40
VGS = –5 V/20 V
VBus = 400 V
Turn-on delay time
Td(on)
35
Rise time
Tr
ID = 160 A; TJ = 150 °C
50
Turn-off delay time
Td(off)
RGon = 13.5 Ω; RGoff = 2.4 Ω
20
Fall time
Tf
µJ
1090
TJ = 150 °C
Inductive switching
VGS = –5 V/20 V
Turn on energy
Eon
µJ
372
TJ = 150 °C
Turn off energy
Eoff
VBus = 400 V
ID = 160 A
RGon = 13.5 Ω
RGoff = 2.4 Ω
Ω
2.8
Internal gate resistance
RGint
°C/W
0.217
Junction-to-case thermal resistance
RthJC
The following table shows the body diode ratings and characteristics per SiC MOSFET of the
MSCSM70AM10CT3AG device.
Table 4 • Body Diode Ratings and Characteristics
Unit
Max
Typ
Min
Test Conditions
Characteristic
Symbol
V
3.4
VGS = 0 V; ISD = 80 A
Diode forward voltage
VSD
3.8
VGS = –5V ; ISD = 80 A
ns
38
ISD = 80 A; VGS = –5 V
VR = 400 V; diF/dt = 2000 A/μs
Reverse recovery time
trr
nC
636
Reverse recovery charge
Qrr
A
29.6
Reverse recovery current
Irr
5
Microsemi Proprietary and Confidential MSCSM70AM10CT3AG Datasheet Revision 1.0
Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com