Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCSM70AM10CT3AG Datasheet(PDF) 8 Page - Microsemi Corporation

Part # MSCSM70AM10CT3AG
Description  Phase Leg SiC MOSFET Power Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSCSM70AM10CT3AG Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button MSCSM70AM10CT3AG Datasheet HTML 4Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 5Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 6Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 7Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 8Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 9Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 10Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 11Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 12Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
3.2
SiC Schottky Diode Ratings and Characteristics
The following table shows the SiC Schottky diode ratings and characteristics of the MSCSM70AM10CT3AG
device.
Table 5 • SiC Schottky Diode Ratings and Characteristics (Per SiC Diode)
Unit
Max
Typ
Min
Test Conditions
Characteristic
Symbol
V
700
Peak repetitive reverse voltage
VRRM
μA
400
30
TJ = 25 °C
VR = 700 V
Reverse leakage current
IRM
500
TJ = 175 °C
A
100
TC = 75 °C
DC forward current
IF
V
1.8
1.5
TJ= 25 °C
IF = 100 A
Diode forward voltage
VF
1.9
TJ = 175 °C
nC
266
VR = 400 V
Total capacitive charge
Qc
pF
496
f = 1 MHz, VR = 200 V
Total capacitance
C
432
f = 1 MHz, VR = 400 V
°C/W
0.456
Junction-to-case thermal resistance
RthJC
3.3
Thermal and Package Characteristics
The following table shows the package characteristics of the MSCSM70AM10CT3AG device.
Table 6 • Thermal and Package Characteristics
Unit
Max
Min
Characteristic
Symbol
V
4000
RMS isolation voltage, any terminal to case t = 1 min, 50 Hz/60 Hz
VISOL
°C
175
–40
Operating junction temperature range
TJ
TJmax–25
–40
Recommended junction temperature under switching conditions
TJOP
125
–40
Storage temperature range
TSTG
125
–40
Operating case temperature
TC
N.m
3
2
M4
To heatsink
Mounting torque
Torque
g
110
Package weight
Wt
6
Microsemi Proprietary and Confidential MSCSM70AM10CT3AG Datasheet Revision 1.0
Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com