Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCSM70AM10CT3AG Datasheet(PDF) 10 Page - Microsemi Corporation

Part # MSCSM70AM10CT3AG
Description  Phase Leg SiC MOSFET Power Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSCSM70AM10CT3AG Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button MSCSM70AM10CT3AG Datasheet HTML 6Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 7Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 8Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 9Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 10Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 11Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 12Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 13Page - Microsemi Corporation MSCSM70AM10CT3AG Datasheet HTML 14Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
3.4
Typical SiC MOSFET Performance Curves
This sections shows the typical SiC MOSFET performance curves of the MSCSM70AM10CT3AG device.
Figure 3 • Maximum Thermal Impedance
Figure 5 • Output Characteristics, TJ = 175 °C
Figure 4 • Output Characteristics, TJ = 25 °C
Figure 7 • Transfer Characteristics
Figure 6 • Normalized RDS(on) vs. Temperature
8
Microsemi Proprietary and Confidential MSCSM70AM10CT3AG Datasheet Revision 1.0
Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com