Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B0RB Datasheet(PDF) 51 Page - STMicroelectronics

Part # STM32H7B0RB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0RB Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STM32H7B0RB Datasheet HTML 47Page - STMicroelectronics STM32H7B0RB Datasheet HTML 48Page - STMicroelectronics STM32H7B0RB Datasheet HTML 49Page - STMicroelectronics STM32H7B0RB Datasheet HTML 50Page - STMicroelectronics STM32H7B0RB Datasheet HTML 51Page - STMicroelectronics STM32H7B0RB Datasheet HTML 52Page - STMicroelectronics STM32H7B0RB Datasheet HTML 53Page - STMicroelectronics STM32H7B0RB Datasheet HTML 54Page - STMicroelectronics STM32H7B0RB Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 205 page
background image
Pin/ball name(1) (2)
Pin name
(function after
reset)
Pin type
I/O
structure
Alternate functions
Additional functions
C7
C7
-
-
129
157
PG14
I/O
FT_sh3
TRACED1, LPTIM1_ETR,
SPI6_MOSI/I2S6_SDO, USART6_TX,
OCTOSPIM_P1_IO7, SDMMC2_D7,
USART10_RTS, FMC_A25, LCD_B0,
EVENTOUT
-
-
K7
-
-
130
158
VSS
S
-
-
-
-
-
-
-
131
159
VDD
S
-
-
-
-
K8
-
-
-
-
VSS
S
-
-
-
E7
D7
-
-
132
160
PG15
I/O
FT_h1
USART6_CTS/USART6_NSS,
OCTOSPIM_P2_DQS, USART10_CK,
FMC_SDNCAS, DCMI_D13/PSSI_D13,
EVENTOUT
-
F7
A6
55
89
133
161
PB3(JTDO/
TRACESWO)
I/O
FT_h0
JTDO/TRACESWO, TIM2_CH2,
SPI1_SCK/I2S1_CK, SPI3_SCK/
I2S3_CK, SPI6_SCK/I2S6_CK,
SDMMC2_D2, CRS_SYNC, UART7_RX,
EVENTOUT
-
B6
B6
56
90
134
162
PB4(NJTRST)
I/O
FT_h0
NJTRST, TIM16_BKIN, TIM3_CH1,
SPI1_MISO/I2S1_SDI, SPI3_MISO/
I2S3_SDI, SPI2_SS/I2S2_WS,
SPI6_MISO/I2S6_SDI, SDMMC2_D3,
UART7_TX, EVENTOUT
-
C6
C6
57
91
135
163
PB5
I/O
FT_h0
TIM17_BKIN, TIM3_CH2, I2C1_SMBA,
SPI1_MOSI/I2S1_SDO, I2C4_SMBA,
SPI3_MOSI/I2S3_SDO, SPI6_MOSI/
I2S6_SDO, FDCAN2_RX,
OTG_HS_ULPI_D7, LCD_B5,
FMC_SDCKE1, DCMI_D10/PSSI_D10,
UART5_RX, EVENTOUT
-
A5
A5
58
92
136
164
PB6
I/O
FT_f
TIM16_CH1N, TIM4_CH1,
I2C1_SCL, HDMI_CEC, I2C4_SCL,
USART1_TX, LPUART1_TX,
FDCAN2_TX, OCTOSPIM_P1_NCS,
DFSDM1_DATIN5, FMC_SDNE1,
DCMI_D5/PSSI_D5, UART5_TX,
EVENTOUT
-
D6
B5
59
93
137
165
PB7
I/O
FT_fa
TIM17_CH1N, TIM4_CH2,
I2C1_SDA, I2C4_SDA, USART1_RX,
LPUART1_RX, DFSDM1_CKIN5,
FMC_NL, DCMI_VSYNC/PSSI_RDY,
EVENTOUT
PVD_IN
E6
C5
60
94
138
166
BOOT0
I
B
-
VPP
B5
A2
61
95
139
167
PB8
I/O
FT_fsh3
TIM16_CH1, TIM4_CH3,
DFSDM1_CKIN7, I2C1_SCL,
I2C4_SCL, SDMMC1_CKIN,
UART4_RX, FDCAN1_RX,
SDMMC2_D4, SDMMC1_D4, DCMI_D6/
PSSI_D6, LCD_B6, EVENTOUT
-
C5
B3
62
96
140
168
PB9
I/O
FT_fsh3
TIM17_CH1, TIM4_CH4,
DFSDM1_DATIN7, I2C1_SDA,
SPI2_SS/I2S2_WS, I2C4_SDA,
SDMMC1_CDIR, UART4_TX,
FDCAN1_TX, SDMMC2_D5,
I2C4_SMBA, SDMMC1_D5, DCMI_D7/
PSSI_D7, LCD_B7, EVENTOUT
-
D5
B4
-
97
141
169
PE0
I/O
FT_h2
LPTIM1_ETR, TIM4_ETR,
LPTIM2_ETR, UART8_RX,
SAI2_MCK_A, FMC_NBL0, DCMI_D2/
PSSI_D2, LCD_R0, EVENTOUT
-
STM32H7B0xB
Pin descriptions
DS13196 - Rev 7
page 51/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com