Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B0RB Datasheet(PDF) 80 Page - STMicroelectronics

Part # STM32H7B0RB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0RB Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STM32H7B0RB Datasheet HTML 76Page - STMicroelectronics STM32H7B0RB Datasheet HTML 77Page - STMicroelectronics STM32H7B0RB Datasheet HTML 78Page - STMicroelectronics STM32H7B0RB Datasheet HTML 79Page - STMicroelectronics STM32H7B0RB Datasheet HTML 80Page - STMicroelectronics STM32H7B0RB Datasheet HTML 81Page - STMicroelectronics STM32H7B0RB Datasheet HTML 82Page - STMicroelectronics STM32H7B0RB Datasheet HTML 83Page - STMicroelectronics STM32H7B0RB Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 205 page
background image
Symbol
Parameter
Conditions
frcc_cpu_ck
(MHz)
Typ
LDO(1)
Typ
SMPS(1)
Max(1)(2)
Unit
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
130 °C
IDD
Supply current in
Run mode
All peripherals
enabled
VOS1
160
mA
68.0
32.0
73
96
114
152
VOS2
160
60.5
26.5
64
82
97
127
88
41.0
18.0
45
62
77
107
VOS3
88
36.5
15.0
39
53
64
89
1. Guaranteed by characterization results, unless otherwise specified.
2. The maximum values are given for LDO regulator ON. Refer to Section 6.3.3 SMPS step-down converter for the SMPS maximum current
consumption.
Table 35. Typical consumption in Run mode and corresponding performance versus code position
Symbol
Parameter
Conditions
frcc_cpu_c k
(MHz)
Coremark
Typ
LDO
Typ
SMPS
Unit
LDO IDD/
Coremark
SMPS IDD/
Coremark
Unit
Peripheral
Code
IDD
Supply current
in Run mode
All peripherals
disabled,
cache ON
ITCM
280
1414
69.5
33.8
mA
49.2
23.9
µA/
Coremark
FLASH
280
1414
69.0
33.4
48.8
23.6
AXI
SRAM
280
1414
69.5
33.6
49.2
23.8
AHB
SRAM
280
1414
70.0
33.7
49.5
23.8
SRD
SRAM
280
1414
70.0
33.7
49.5
23.8
All peripherals
disabled cache
OFF
ITCM
280
1414
69.5
33.8
49.2
23.9
FLASH
280
668
56.0
28.0
83.8
41.9
AXI
SRAM
280
668
62.5
30.2
93.6
45.2
AHB
SRAM
280
295
59.5
28.8
201.7
97.6
SRD
SRAM
280
295
59.0
28.5
200.0
96.6
Table 36. Typical current consumption in Autonomous mode
Symbol
Parameter
Conditions(1)
frcc_hclk4 (AHB4) (MHz)
Typ
Unit
IDD
Supply current in Autonomous mode
Run, DStop mode
VOS3
64
2.98
mA
Run, DStop2 mode
VOS3
64
2.64
1. System in Run mode, CPU domain is DStop or DStop2 mode with memories of the CPU domain shut-off enable or disable.
STM32H7B0xB
Operating conditions
DS13196 - Rev 7
page 80/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com