Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B0RB Datasheet(PDF) 3 Page - STMicroelectronics

Part # STM32H7B0RB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0RB Datasheet(HTML) 3 Page - STMicroelectronics

  STM32H7B0RB Datasheet HTML 1Page - STMicroelectronics STM32H7B0RB Datasheet HTML 2Page - STMicroelectronics STM32H7B0RB Datasheet HTML 3Page - STMicroelectronics STM32H7B0RB Datasheet HTML 4Page - STMicroelectronics STM32H7B0RB Datasheet HTML 5Page - STMicroelectronics STM32H7B0RB Datasheet HTML 6Page - STMicroelectronics STM32H7B0RB Datasheet HTML 7Page - STMicroelectronics STM32H7B0RB Datasheet HTML 8Page - STMicroelectronics STM32H7B0RB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 205 page
background image
Graphics
•
LCD-TFT controller up to XGA resolution
•
Chrom-ART graphical hardware Accelerator (DMA2D) to reduce CPU load
•
Hardware JPEG Codec
•
Chrom-GRC™ (GFXMMU)
Up to 19 timers and 2 watchdogs
•
2× 32-bit timers with up to 4 IC/OC/PWM or pulse counter and quadrature (incremental) encoder input (up to
280 MHz)
•
2× 16-bit advanced motor control timers (up to 280 MHz)
•
10× 16-bit general-purpose timers (up to 280 MHz)
•
3× 16-bit low-power timers (up to 280 MHz)
•
2× watchdogs (independent and window)
•
1× SysTick timer
•
RTC with sub-second accuracy and hardware calendar
Cryptographic acceleration
•
AES chaining modes: ECB,CBC,CTR,GCM,CCM for 128, 192 or 256
•
HASH (MD5, SHA-1, SHA-2), HMAC
•
2x OTFDEC AES-128 in CTR mode for Octo-SPI memory encryption/decryption
•
1x 32-bit, NIST SP 800-90B compliant, true random generator
Debug mode
•
SWD and JTAG interfaces
•
4 KB Embedded Trace Buffer
96-bit unique ID
All packages are ECOPACK2 compliant
STM32H7B0xB
DS13196 - Rev 7
page 3/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com