Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B0RB Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM32H7B0RB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0RB Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM32H7B0RB Datasheet HTML 4Page - STMicroelectronics STM32H7B0RB Datasheet HTML 5Page - STMicroelectronics STM32H7B0RB Datasheet HTML 6Page - STMicroelectronics STM32H7B0RB Datasheet HTML 7Page - STMicroelectronics STM32H7B0RB Datasheet HTML 8Page - STMicroelectronics STM32H7B0RB Datasheet HTML 9Page - STMicroelectronics STM32H7B0RB Datasheet HTML 10Page - STMicroelectronics STM32H7B0RB Datasheet HTML 11Page - STMicroelectronics STM32H7B0RB Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 205 page
background image
Peripherals
SMPS (1)
no-SMPS
Communi-cation interfaces
SPI/I2S (6)
6/4
6/4
5/4
4/4
I2C
4
3
USART/UART
/LPUART
5/5
/1
5/5
/1
5(2)/5
/1
4(2)/3(2)
/1
SAI/PDM
2/1
2/1
2(2)/1
1(2)/-
SPDIFRX
4 inputs
4 inputs
SWPMI
1
MDIOS
1
SDMMC
2
2
2(7)
FDCAN/TT-CAN
1/1
1/1(2)
USB OTG_HS ULPI, OTG_FS
PHY
1
1
1
1 (8)
1 (9)
Digital camera interface/PSSI (10)
1/1
1/1
LCD-TFT display controller
1
JPEG Codec
1
Chrom-ART Accelerator (DMA2D)
1
Graphic memory management unit (GFXMMU)
1
HDMI CEC
1
DFSDM
Number of filters for DFSDM1/DFSDM2
2
8/1
8/1
7/1
ADCs
8 to 16 bits
2
Number of channels
24
24
20(11)
16(11)
DACs
12 bits
2
Number of channels
3 (1 single channel + 1 dual-channel interfaces)
Comparators
2
2
1
Operational amplifier
2
2
1
GPIOs
128
121
138
112
80
49
Wakeup pins
4
6
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com