Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B0RB Datasheet(PDF) 53 Page - STMicroelectronics

Part # STM32H7B0RB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0RB Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM32H7B0RB Datasheet HTML 49Page - STMicroelectronics STM32H7B0RB Datasheet HTML 50Page - STMicroelectronics STM32H7B0RB Datasheet HTML 51Page - STMicroelectronics STM32H7B0RB Datasheet HTML 52Page - STMicroelectronics STM32H7B0RB Datasheet HTML 53Page - STMicroelectronics STM32H7B0RB Datasheet HTML 54Page - STMicroelectronics STM32H7B0RB Datasheet HTML 55Page - STMicroelectronics STM32H7B0RB Datasheet HTML 56Page - STMicroelectronics STM32H7B0RB Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 205 page
background image
Table 8. Port A alternate functions
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
LPTIM1/
TIM1/2/16/17
PDM_SAI1/
TIM3/4/5/12/15
DFSDM1/
LPTIM2/3/
LPUART1/
OCTOSPIM_P1/2/
TIM8
CEC/DCMI/
PSSI/
DFSDM1/2/
I2C1/2/3/4/
LPTIM2/
TIM15/
USART1
CEC/SPI1/
I2S1/SPI2/
I2S2/SPI3/
I2S3/
SPI4/5/
SPI6/I2S6
DFSDM1/2/
I2C4/
OCTOSPIM_P1/
SAI1/SPI3/I2S3/
UART4
SDMMC1/
SPI2/I2S2/
SPI3/I2S3/
SPI6/I2S6/
UART7/
USART1/2/3/6
LPUART1/
SAI2/
SDMMC1/
SPDIFRX1/
SPI6/I2S6/
UART4/5/8
FDCAN1/2/FMC/
LCD/
OCTOSPIM_P1/2/
SDMMC2/
SPDIFRX1/
TIM13/14
CRS/FMC/LCD/
OCTOSPIM_P1/
OTG1_FS/OTG1_HS/
SAI2/SDMMC2/TIM8
DFSDM1/2/
I2C4/LCD/
MDIOS/
OCTOSPIM_P1/
SDMMC2/
SWPMI1/
TIM1/8/
UART7/9/
USART10
FMC/LCD/
MDIOS/
SDMMC1/
TIM1/8
COMP/DCMI/
PSSI/LCD/
TIM1
LCD/UART5
SYS
PA0
-
TIM2_CH1/
TIM2_ETR
TIM5_CH1
TIM8_ETR
TIM15_BKIN
SPI6_SS/
I2S6_WS
-
USART2_
CTS/
USART2_
NSS
UART4_TX
SDMMC2_CMD
SAI2_SD_B
-
-
-
-
EVENTOUT
PA1
-
TIM2_CH2
TIM5_CH2
LPTIM3_OUT
TIM15_CH1N
-
-
USART2_
RTS
UART4_RX
OCTOSPIM_
P1_IO3
SAI2_MCK_B
OCTOSPIM_
P1_DQS
-
-
LCD_R2
EVENTOUT
PA2
-
TIM2_CH3
TIM5_CH3
-
TIM15_CH1
-
DFSDM2_
CKIN1
USART2_
TX
SAI2_SCK_B
-
-
-
MDIOS_MDIO
-
LCD_R1
EVENTOUT
PA3
-
TIM2_CH4
TIM5_CH4
OCTOSPIM_
P1_CLK
TIM15_CH2
I2S6_MCK
-
USART2_
RX
-
LCD_B2
OTG_HS_
ULPI_D0
-
-
-
LCD_B5
EVENTOUT
PA4
-
-
TIM5_ETR
-
-
SPI1_SS/
I2S1_WS
SPI3_SS/
I2S3_WS
USART2_
CK
SPI6_SS/
I2S6_WS
-
-
-
-
DCMI_HSYNC/
PSSI_DE
LCD_
VSYNC
EVENTOUT
PA5
PWR_NDSTOP2
TIM2_CH1/
TIM2_ETR
-
TIM8_CH1N
-
SPI1_SCK/
I2S1_CK
-
-
SPI6_SCK/
I2S6_CK
-
OTG_HS_
ULPI_CK
-
-
PSSI_D14
LCD_R4
EVENTOUT
PA6
-
TIM1_BKIN
TIM3_CH1
TIM8_BKIN
-
SPI1_MISO/
I2S1_SDI
OCTOSPIM_
P1_IO3
-
SPI6_MISO/
I2S6_SDI
TIM13_CH1
TIM8_BKIN_COMP12
MDIOS_MDC
TIM1_BKIN_
COMP12
DCMI_PIXCLK/
PSSI_PDCK
LCD_G2
EVENTOUT
PA7
-
TIM1_CH1N
TIM3_CH2
TIM8_CH1N
DFSDM2_
DATIN1
SPI1_MOSI/
I2S1_SDO
-
-
SPI6_MOSI/
I2S6_SDO
TIM14_CH1
OCTOSPIM_P1_IO2
-
FMC_SDNWE
-
LCD_VSYNC
EVENTOUT
PA8
MCO1
TIM1_CH1
-
TIM8_BKIN2
I2C3_SCL
-
-
USART1_
CK
-
-
OTG_HS_
SOF
UART7_RX
TIM8_BKIN2_
COMP12
LCD_B3
LCD_R6
EVENTOUT
PA9
-
TIM1_CH2
-
LPUART1_TX
I2C3_SMBA
SPI2_SCK/
I2S2_CK
-
USART1_
TX
-
-
-
-
-
DCMI_D0/
PSSI_D0
LCD_R5
EVENTOUT
PA10
-
TIM1_CH3
-
LPUART1_RX
-
-
-
USART1_
RX
-
-
OTG_HS_
ID
MDIOS_MDIO
LCD_B4
DCMI_D1/
PSSI_D1
LCD_B1
EVENTOUT
PA11
-
TIM1_CH4
-
LPUART1_CTS
-
SPI2_SS/
I2S2_WS
UART4_RX
USART1_
CTS/
USART1_NSS
-
FDCAN1_
RX
-
-
-
-
LCD_R4
EVENTOUT
PA12
-
TIM1_ETR
-
LPUART1_RTS
-
SPI2_SCK/
I2S2_CK
UART4_TX
USART1_
RTS
SAI2_FS_B
FDCAN1_
TX
-
-
-
-
LCD_R5
EVENTOUT
PA13
JTMS/
SWDIO
-
-
-
-
-
-
-
-
-
-
-
-
-
-
EVENTOUT
PA14
JTCK/
SWCLK
-
-
-
-
-
-
-
-
-
-
-
-
-
-
EVENTOUT
PA15
JTDI
TIM2_CH1/
TIM2_ETR
-
-
HDMI_CEC
SPI1_SS/
I2S1_WS
SPI3_SS/
I2S3_WS
SPI6_SS/
I2S6_WS
UART4_
RTS
LCD_R3
-
UART7_TX
-
-
LCD_B6
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com