Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U5A5QJ Datasheet(PDF) 71 Page - STMicroelectronics

Part # STM32U5A5QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
PDF  382 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U5A5QJ Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM32U5A5QJ Datasheet HTML 67Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 68Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 69Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 70Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 71Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 72Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 73Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 74Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 382 page
background image
DS13543 Rev 1
71/382
STM32U5Axxx
Functional overview
99
3.34
Comparators (COMP)
The devices embed two rail-to-rail comparators with programmable reference voltage
(internal or external), hysteresis and speed (low speed for low power) and with selectable
output polarity.
The reference voltage can be one of the following:
•
External I/O
•
DAC output channels
•
Internal reference voltage or submultiple (1/4, 1/2, 3/4)
All comparators can wake up from Stop 0, Stop 1 and Stop 2 modes, generate interrupts and
breaks for the timers and can also be combined into a window comparator.
3.35
Operational amplifiers (OPAMP)
The devices embed two operational amplifiers with external or internal follower routing and
PGA capability.
The operational amplifier features:
•
Low-input bias current
•
Low-offset voltage
•
Low-power mode
•
Rail-to-rail input
3.36
Multi-function digital filter (MDF) and audio digital filter (ADF)
The table below lists the set of features implemented into the MDF and the ADF.
Table 18. MDF features
MDF modes/features(1)
1. X = supported.
ADF1
MDF1
Number of filters (DFLTx) and serial interfaces (SITFx)
1
6
ADF_CKI0 / MDF_CKIy connected to pins
-
X
Sound activity detection (SAD)
X
-
RXFIFO depth (number of 24-bit words)
4
4
ADC connected to ADCITF1
-
ADC1
ADC connected to ADCITF2
-
ADC2
Motor dedicated features (SCD, OLD, OEC, INT, snapshot, break)
-
X
Main path with CIC4, CIC5
X
X
Main path with CIC1,2, 3 or FastSinc
-
X
RSFLT, HPF, SAT, SCALE, DLY, Discard functions
X
X
Autonomous in Stop mode
X(2)
2. Stop 0, Stop 1 and Stop 2 modes only.
X(3)
3. Stop 0 and Stop 1 modes only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com