Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U5A5QJ Datasheet(PDF) 97 Page - STMicroelectronics

Part # STM32U5A5QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
PDF  382 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U5A5QJ Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STM32U5A5QJ Datasheet HTML 93Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 94Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 95Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 96Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 97Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 98Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 99Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 100Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 382 page
background image
DS13543 Rev 1
97/382
STM32U5Axxx
Functional overview
99
•
Configurable transmit Event FIFO
•
Programmable loop-back test mode
•
Maskable module interrupts
•
Two clock domains: APB bus interface and CAN core kernel clock
•
Power-down support
3.55
USB on-the-go high-speed (OTG_HS)
The devices embed an USB OTG high-speed device/host/OTG peripheral with integrated
transceivers. The OTG_HS peripheral is compliant with the USB 2.0 specification and with
the OTG 2.0 specification. It has software-configurable endpoint setting and supports
suspend/resume.
This interface requires a precise 60 MHz clock that is generated from the internal
USB PHY PLL (the clock source must use a HSE crystal oscillator).
The OTG_HS features are:
•
USB-IF certified to the Universal Serial Bus Specification Rev 2.0
•
On-chip high-speed PHY
•
Full support (PHY) for the optional OTG (on-the-go) protocol detailed in the OTG
Supplement Rev 2.0 specification
–
Integrated support for A-B device identification (ID line)
–
Supports OTG monitoring of VBUS levels with internal comparators
–
Supports dynamic host-peripheral switch of role
•
Software-configurable to operate as USB on-the-go high-speed dual role device
•
Supports HS/FS SOF and LS keep-alives with
–
SOF pulse PAD connectivity
–
SOF pulse internal connection to timer (TIMx)
–
Configurable framing period
–
Configurable end of frame interrupt
•
USB 2.0 link power management (LPM) support
•
Internal DMA with thresholding support and software selectable AHB burst type in DMA
mode
•
Power saving features such as system stop during USB suspend, switch-off of clock
domains internal to the digital core, PHY and DFIFO power management
•
Dedicated RAM of 4 Kbytes with advanced FIFO control:
–
Configurable partitioning of RAM space into different FIFOs for flexible and
efficient use of RAM
–
Each FIFO able to hold multiple packets
–
Dynamic memory allocation
–
Configurable FIFO sizes that are not powers of two to allow the use of contiguous
memory locations
•
Max guaranteed USB bandwidth for up to one frame (1 ms) without system intervention
•
Support of charging port detection as described in Battery Charging Specification
revision 1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com