Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U5A5QJ Datasheet(PDF) 89 Page - STMicroelectronics

Part # STM32U5A5QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
PDF  382 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U5A5QJ Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STM32U5A5QJ Datasheet HTML 85Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 86Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 87Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 88Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 89Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 90Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 91Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 92Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 382 page
background image
DS13543 Rev 1
89/382
STM32U5Axxx
Functional overview
99
The I2C peripheral supports:
•
I2C-bus specification and user manual rev. 5 compatibility:
–
Slave and Master modes, multimaster capability
–
Standard-mode (Sm), with a bit rate up to 100 Kbit/s
–
Fast-mode (Fm), with a bit rate up to 400 Kbit/s
–
Fast-mode Plus (Fm+), with a bit rate up to 1 Mbit/s and 20 mA output drive I/Os
–
7-bit and 10-bit addressing mode, multiple 7-bit slave addresses
–
Programmable setup and hold times
–
Optional clock stretching
•
System management bus (SMBus) specification rev 3.0 compatibility:
–
Hardware PEC (packet error checking) generation and verification with
ACK control
–
Address resolution protocol (ARP) support
–
SMBus alert
•
Power system management protocol (PMBus) specification rev 1.3 compatibility
•
Independent clock: a choice of independent clock sources allowing the I2C
communication speed to be independent from the PCLK reprogramming
•
Autonomous functionality in Stop modes with wake-up from Stop capability
•
Programmable analog and digital noise filters
•
1-byte buffer with DMA capability
3.50
Universal synchronous/asynchronous receiver transmitter
(USART/UART)
and low-power universal asynchronous receiver transmitter
(LPUART)
The devices embed four universal synchronous receiver transmitters (USART1, USART2,
USART3 and USART6), two universal asynchronous receiver transmitters (UART4, UART5)
and one low-power universal asynchronous receiver transmitter (LPUART1).
Table 21. I2C implementation
I2C features(1)
I2C1
I2C2
I2C3
I2C4
I2C5
I2C6
Standard-mode (up to 100 Kbit/s)
X
X
X
X
X
X
Fast-mode (up to 400 Kbit/s)
X
X
X
X
X
X
Fast-mode Plus with 20 mA output drive I/Os (up to 1 Mbit/s)
X
X
X
X
X
X
Programmable analog and digital noise filters
X
X
X
X
X
X
SMBus/PMBus hardware support
X
X
X
X
X
X
Independent clock
X
X
X
X
X
X
Autonomous in Stop 0, Stop 1 mode with wake-up capability
X
X
X
X
X
X
Autonomous in Stop 2 mode with wake-up capability
-
-
X
-
-
-
1. X: supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com