Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U5A5QJ Datasheet(PDF) 75 Page - STMicroelectronics

Part # STM32U5A5QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
PDF  382 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U5A5QJ Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STM32U5A5QJ Datasheet HTML 71Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 72Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 73Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 74Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 75Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 76Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 77Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 78Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 382 page
background image
DS13543 Rev 1
75/382
STM32U5Axxx
Functional overview
99
•
Interrupts services
3.37
Digital camera interface (DCMI)
The DCMI is a synchronous parallel interface able to receive a high-speed data flow from
an external 8-, 10-, 12- or 14-bit CMOS camera module. It supports different data formats:
YCbCr4:2:2/RGB565 progressive video and compressed data (JPEG).
This interface is for use with black and white cameras, X24 and X5 cameras, and it is
assumed that all preprocessing such as resizing is performed in the camera module.
The DCMI features are:
•
8-, 10-, 12- or 14-bit parallel interface
•
Embedded/external line and frame synchronization
•
Continuous or snapshot mode
•
Crop feature
•
Supports the following data formats:
–
8/10/12/14-bit progressive video: either monochrome or raw Bayer
–
YCbCr 4:2:2 progressive video
–
RGB 565 progressive video
–
Compressed data: JPEG
3.38
Parallel synchronous slave interface (PSSI)
The PSSI and the DCMI use the same circuitry. As a result, these two peripherals cannot be
used at the same time: when using the PSSI, the DCMI registers cannot be accessed, and
vice versa. In addition, the PSSI and the DCMI share the same alternate functions and the
same interrupt vector.
The PSSI is a generic synchronous 8-/16-bit parallel data input/output slave interface. It
enables the transmitter to send a data valid signal that indicates when the data is valid, and
the receiver to output a flow control signal that indicates when it is ready to sample the data.
The PSSI peripheral main features are the following:
•
Slave mode operation
•
8-bit or 16-bit parallel data input or output
•
4-word (16-byte) FIFO
•
Data enable (PSSI_DE) alternate function input and ready (PSSI_RDY) alternate
function output
When selected, these inputs can either enable the transmitter to indicate when the data is
valid, or allow the receiver to indicate when it is ready to sample the data, or both.
3.39
LCD-TFT display controller (LTDC)
The LCD-TFT (liquid crystal display - thin film transistor) display controller provides a
parallel digital RGB (Red, Green, Blue) and signals for horizontal/vertical synchronization,
pixel clock and data enable as output to interface directly to a variety of LCD and TFT
panels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com