Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U5A5QJ Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM32U5A5QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
PDF  382 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U5A5QJ Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32U5A5QJ Datasheet HTML 13Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 14Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 15Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 16Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 17Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 18Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 19Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 20Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 382 page
background image
DS13543 Rev 1
17/382
STM32U5Axxx
Description
22
2
Description
The STM32U5Axxx devices belong to an ultra-low-power microcontrollers family
(STM32U5 Series) based on the high-performance Arm® Cortex®-M33 32-bit RISC core.
They operate at a frequency of up to 160 MHz.
The Cortex®-M33 core features a single-precision FPU (floating-point unit), that supports all
the Arm® single-precision data-processing instructions and all the data types.
The Cortex®-M33 core also implements a full set of DSP (digital signal processing)
instructions and a MPU (memory protection unit) that enhances the application security.
The devices embed high-speed memories (4 Mbytes of flash memory and 2.5 Mbytes of
SRAM), a FSMC (flexible external memory controller) for static memories (for devices with
packages of 100 pins and more), two Octo-SPI and one Hexadeca-SPI memory interfaces
(at least one Quad-SPI available on all packages) and an extensive range of enhanced I/Os
and peripherals connected to three APB buses, three AHB buses and a 32-bit multi-AHB
bus matrix.
The devices offer security foundation compliant with the TBSA (trusted-based security
architecture) requirements from Arm®. It embeds the necessary security features to
implement a secure boot, secure data storage and secure firmware update. Besides these
capabilities, the devices incorporate a secure firmware installation feature, that allows the
customer to secure the provisioning of the code during its production. A flexible life cycle is
managed thanks to multiple levels of readout protection and debug unlock with password.
Firmware hardware isolation is supported thanks to securable peripherals, memories and
I/Os, and privilege configuration of peripherals and memories.
The devices feature several protection mechanisms for embedded flash memory and
SRAM: readout protection, write protection, secure and hide protection areas.
The devices embed several peripherals reinforcing security: a fast AES coprocessor,
a secure AES coprocessor with DPA resistance and hardware unique key that can be
shared by hardware with fast AES, a PKA (public key accelerator) with DPA resistance,
an on-the-fly decryption engine for Octo-SPI external memories, a HASH hardware
accelerator, and a true random number generator.
The devices offer active tamper detection and protection against transient and
environmental perturbation attacks, thanks to several internal monitoring generating secret
data erase in case of attack. This helps to fit the PCI requirements for point of sales
applications.
The devices offer two fast 14-bit ADCs (2.5 Msps), one 12-bit ADC (2.5 Msps), two
comparators, two operational amplifiers, two DAC channels, an internal voltage reference
buffer, a low-power RTC, four 32-bit general-purpose timers, two 16-bit PWM timers
dedicated to motor control, three 16-bit general-purpose timers, two 16-bit basic timers and
four 16-bit low-power timers.
The devices offer a rich set of graphic features: Neo-Chrom GPU (GPU2D) for fast texture
mapping, scaling and rotation, Chrom-ART (DMA2D) for smooth motion and transparency
effects, Chrom-GRC (GFXMMU) for memory optimization, MIPI® DSI Host controller with
two DSI lanes running at up to 500 Mbit/s each, and LCD-TFT controller (LTDC).
The devices support a MDF (multi-function digital filter) with six filters dedicated to the
connection of external sigma-delta modulators. Another low-power digital filter dedicated to
audio signals is embedded (ADF), with one filter supporting sound-activity detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com