Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U5A5QJ Datasheet(PDF) 114 Page - STMicroelectronics

Part # STM32U5A5QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
PDF  382 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U5A5QJ Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STM32U5A5QJ Datasheet HTML 110Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 111Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 112Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 113Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 114Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 115Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 116Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 117Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 382 page
background image
Pinout, pin description and alternate functions
STM32U5Axxx
114/382
DS13543 Rev 1
4.2
Pin description
Table 26. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function
during and after reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input/output pin
I/O structure
FT
5V-tolerant I/O
TT
3.6V-tolerant I/O
DSI
1.2 V I/O for DSI interface
RST
Bidirectional reset pin with embedded weak pull-up resistor
Option for TT or FT I/Os(1)
_a
I/O, with analog switch function supplied by VDDA
_c
I/O with USB Type-C power delivery function
_d
I/O with USB Type-C power delivery dead battery function
_f
I/O, Fm+ capable
_h
I/O with high-speed low-voltage mode
_o
I/O with OSC32_IN/OSC32_OUT capability
_p
I/O with differential clock capability CLKP/CLKN
_s
I/O supplied only by VDDIO2
_t
I/O with a function supplied by VSW
_u
I/O, with USB function supplied by VDDUSB
_v
I/O very high-speed capable
Notes
Unless otherwise specified by a note, all I/Os are set as analog inputs during and after reset.
Pin
functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
1. The related I/O structures in the table below are a concatenation of various options. Examples: FT_hat, FT_fs, FT_u, TT_a.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com