Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595QJ Datasheet(PDF) 219 Page - STMicroelectronics

Part # STM32U595QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ Datasheet(HTML) 219 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 215Page - STMicroelectronics STM32U595QJ Datasheet HTML 216Page - STMicroelectronics STM32U595QJ Datasheet HTML 217Page - STMicroelectronics STM32U595QJ Datasheet HTML 218Page - STMicroelectronics STM32U595QJ Datasheet HTML 219Page - STMicroelectronics STM32U595QJ Datasheet HTML 220Page - STMicroelectronics STM32U595QJ Datasheet HTML 221Page - STMicroelectronics STM32U595QJ Datasheet HTML 222Page - STMicroelectronics STM32U595QJ Datasheet HTML 223Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 377 page
background image
Table 58. Current consumption in Stop 3 mode on SMPS
Symbol
Parameter
Conditions
Typ
Unit
VDD (V)
25°C
55°C
85°C
105°C
125°C
IDD(Stop 3)
Supply current in Stop 3 mode,
RTC disabled,
8-Kbyte SRAM2 + ICACHE
retained
1.8
2.75
7
19.5
37
70.5
µA
2.4
2.15
5.45
15.5
29.5
56.5
3
2
4.95
13.5
26.5
50.5
3.3
2.2
5.15
14
26.5
50
3.6
2.95
6.15
15
28
51
Supply current in Stop 3 mode,
RTC disabled,
all SRAMs retained
1.8
13
31.5
90.5
180
350
2.4
10
24
69
135
270
3
8.45
20.5
58
115
225
3.3
8.2
19
54.5
110
215
3.6
8.55
19
53.5
105
200
IDD(Stop 3
with RTC)
Supply current in Stop 3 mode,
RTC(1) clocked by LSI 32 kHz,
8-Kbyte SRAM2 + ICACHE
retained
1.8
3
7.3
19.5
37.5
71
2.4
2.55
5.8
15.5
30
57
32.45
5.45
14
27
51
3.3
2.7
5.65
14.5
27
50.5
3.6
3.5
6.7
15.5
28.5
51.5
Supply current in Stop 3 mode,
RTC(1) clocked by LSI 250 Hz,
8-Kbyte SRAM2 + ICACHE
retained
1.8
2.85
7.1
19.5
37
71
2.4
2.3
5.55
15.5
29.5
56.5
3
2.1
5.1
14
26.5
50.5
3.3
2.35
5.3
14
26.5
50.5
3.6
3.1
6.3
15.5
28
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com