Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595QJ Datasheet(PDF) 222 Page - STMicroelectronics

Part # STM32U595QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ Datasheet(HTML) 222 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 218Page - STMicroelectronics STM32U595QJ Datasheet HTML 219Page - STMicroelectronics STM32U595QJ Datasheet HTML 220Page - STMicroelectronics STM32U595QJ Datasheet HTML 221Page - STMicroelectronics STM32U595QJ Datasheet HTML 222Page - STMicroelectronics STM32U595QJ Datasheet HTML 223Page - STMicroelectronics STM32U595QJ Datasheet HTML 224Page - STMicroelectronics STM32U595QJ Datasheet HTML 225Page - STMicroelectronics STM32U595QJ Datasheet HTML 226Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 377 page
background image
Table 60. Current consumption in Standby mode
Symbol
Parameter
Conditions
Typ
Unit
-VDD (V) 25°C
55°C
85°C 105°C 125°C
IDD(Standby)
Supply current in
Standby mode (backup
registers retained),
RTC disabled
No independent
watchdog
ULPMEN = 1
1.8
0.195
0.57
2
4.45
9.55
µA
2.4
0.22
0.615
2.1
4.65
10
3
0.38
0.955
2.95
6.1
12.5
3.3
0.735
1.5
3.95
7.65
15
3.6
1.65
2.95
6.1
10.5
19
No independent
watchdog
1.8
0.255 0.645
2.05
4.5
9.55
2.4
0.285
0.69
2.2
4.7
10
3
0.445
1
3
6.15
12.5
3.3
0.795
1.6
4
7.6
15
3.6
1.7
3
6.15
10.5
19
With independent
watchdog clocked
by LSI 32 kHz
1.8
0.54
0.93
2.5
5.3
11.5
2.4
0.69
1.1
2.75
5.7
12
3
0.955
1.55
3.7
7.35
15
3.3
1.4
2.2
4.8
9.05
17.5
3.6
2.4
3.65
7.1
12
22
With independent
watchdog clocked
by LSI 250 Hz
1.8
0.355 0.745
2.2
4.6
9.65
2.4
0.39
0.8
2.3
4.8
10
3
0.565
1.15
3.1
6.25
12.5
3.3
0.92
1.75
4.15
7.8
15
3.6
1.85
3.15
6.3
11
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com