Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595QJ Datasheet(PDF) 237 Page - STMicroelectronics

Part # STM32U595QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ Datasheet(HTML) 237 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 233Page - STMicroelectronics STM32U595QJ Datasheet HTML 234Page - STMicroelectronics STM32U595QJ Datasheet HTML 235Page - STMicroelectronics STM32U595QJ Datasheet HTML 236Page - STMicroelectronics STM32U595QJ Datasheet HTML 237Page - STMicroelectronics STM32U595QJ Datasheet HTML 238Page - STMicroelectronics STM32U595QJ Datasheet HTML 239Page - STMicroelectronics STM32U595QJ Datasheet HTML 240Page - STMicroelectronics STM32U595QJ Datasheet HTML 241Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 377 page
background image
DS13633 Rev 1
237/377
STM32U59xxx
Electrical characteristics
343
twu(Stop 3)
Wake-up time from
Stop 3 to Run mode
All SRAMs retained
Wake-up in FLASH,
FSTEN = 0 in PWR_CR3
ICACHE OFF
MSI 24 MHz
55.3
µs
Wake-up in FLASH,
FSTEN = 1 in PWR_CR3
ICACHE OFF
MSI 24 MHz
28.9
HSI 16 MHz
28.7
MSI 1 MHz
63.0
Wake-up in SRAM2, range 4
MSI 24 MHz
20.2
HSI 16 MHz
22.3
MSI 1 MHz
58.3
twu(Standby
with SRAM2)
Wake-up time from
Standby with SRAM2
to Run mode
Wake-up in FLASH,
FSTEN = 0 in PWR_CR3
MSI 4 MHz
60.5
Wake-up in FLASH,
FSTEN = 1 in PWR_CR3
MSI 4 MHz
59.7
MSI 1 MHz
168.1
twu(Standby)
Wake-up time from
Standby to Run mode
Wake-up in FLASH,
FSTEN = 0 in PWR_CR3
MSI 4 MHz
327.3
Wake-up in FLASH,
FSTEN = 1 in PWR_CR3
MSI 4 MHz
95.5
MSI 1 MHz
199.5
twu(Shutdown)
Wake-up time from
Shutdown to Run
mode
-
MSI 4 MHz
683.3
1. Evaluated by characterization. Not tested in production.
Table 64. Low-power mode wake-up timings on LDO(1) (continued)
Mode
Parameter
Conditions
Typ (3V,
25°C)
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com