Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595QJ Datasheet(PDF) 240 Page - STMicroelectronics

Part # STM32U595QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ Datasheet(HTML) 240 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 236Page - STMicroelectronics STM32U595QJ Datasheet HTML 237Page - STMicroelectronics STM32U595QJ Datasheet HTML 238Page - STMicroelectronics STM32U595QJ Datasheet HTML 239Page - STMicroelectronics STM32U595QJ Datasheet HTML 240Page - STMicroelectronics STM32U595QJ Datasheet HTML 241Page - STMicroelectronics STM32U595QJ Datasheet HTML 242Page - STMicroelectronics STM32U595QJ Datasheet HTML 243Page - STMicroelectronics STM32U595QJ Datasheet HTML 244Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 377 page
background image
Electrical characteristics
STM32U59xxx
240/377
DS13633 Rev 1
5.3.7
External clock timing characteristics
High-speed external user clock generated from an external source
In bypass mode, the HSE oscillator is switched off and the input pin is a standard GPIO.
The external clock signal has to respect the I/O characteristics in Section 5.3.14: I/O port
characteristics. The recommended clock input waveform is shown in Figure 27.
1. Evaluated by characterization. Not tested in production.
Table 66. Regulator mode transition times(1)
Symbol
Parameter
Conditions
Typ (3 V,
30 °C)
Unit
tLDO(2)
SMPS to LDO transition time
Range 4
15.6
µs
Range 3
14.5
Range 2
14.0
Range 1
13.9
tSMPS(2)
LDO to SMPS transition time
Range 4
13.1
µs
Range 3
16.5
Range 2
16.1
Range 1
15.9
tVOST(3)
Range 4 to range 3
LDO
18.0
SMPS
24.3
Range 3 to range 2
LDO
12.2
SMPS
12.2
Range 2 to range 1
LDO
11.8
SMPS
11.8
Range 4 to range 1
LDO
40.9
SMPS
47.0
1. Evaluated by characterization. Not tested in production.
2. Time to REGS change in PWR_SVMSR.
3. Time to VOSRDY = 1 in PWR_VOSR.
Table 67. Wake-up time using USART/LPUART(1)
Symbol
Parameter
Typ
Max
Unit
tWUUSART
tWULPUART
Wake-up time needed to calculate the maximum USART/LPUART baudrate that
is needed to wake up from Stop mode when the USART/LPUART kernel clock
source is HSI16/MSI.
-
(2)
μs
1. Specified by design. Not tested in production.
2. This wake-up time is the HSI16 (see Table 72) or the MSI (see Table 73) oscillator maximum startup time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com