Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595QJ Datasheet(PDF) 303 Page - STMicroelectronics

Part # STM32U595QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ Datasheet(HTML) 303 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 299Page - STMicroelectronics STM32U595QJ Datasheet HTML 300Page - STMicroelectronics STM32U595QJ Datasheet HTML 301Page - STMicroelectronics STM32U595QJ Datasheet HTML 302Page - STMicroelectronics STM32U595QJ Datasheet HTML 303Page - STMicroelectronics STM32U595QJ Datasheet HTML 304Page - STMicroelectronics STM32U595QJ Datasheet HTML 305Page - STMicroelectronics STM32U595QJ Datasheet HTML 306Page - STMicroelectronics STM32U595QJ Datasheet HTML 307Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 377 page
background image
DS13633 Rev 1
303/377
STM32U59xxx
Electrical characteristics
343
5.3.32
MIPI D-PHY characteristics
The parameters given in the table below are derived from tests performed under
temperature and VDD supply voltage conditions summarized in Table 32.
Table 115. MIPI D-PHY characteristics(1)
Symbol
Parameter
Min
Typ
Max
Unit
High-speed input/output characteristics
UINST(2)
UI instantaneous
2
-
12.5
ns
VCMTX
High-speed transmit common mode voltage
150
200
250
mV
|∆VCMTX|VCMTX mismatch when output is Differential-1 or Differential-0
-
-
5
|VOD|
High-speed transmit differential voltage
140
200
270
|∆VOD|VOD mismatch when output is Differential-1 or Differential-0
-
-
14
VOHHS
High-speed output high voltage
-
-
360
ZOS
Single-ended output impedance
40
50
62.5
Ω
∆ZOS
Single-ended output impedance mismatch
-
-
10
%
tHSr, tHSf(2) 20%-80% rise and fall time
100
-
0.3 × UI(3)
ps
Low-power receiver input characteristics
VIL
Logic 0 input voltage (not in ULP state)
-
-
550
mV
VIL-ULPS
Logic 0 input voltage in ULP state
-
-
300
VIH
Input high-level voltage
880
-
-
Vhys(2)
Voltage hysteresis
25
-
-
Low-power emitter output characteristics
VOL
Output low level voltage
-50
-
50
mV
VOH
Output high level voltage
1.1
1.2
1.2
V
ZOLP
Output impedance of LP transmitter
110
-
-
Ω
tLPr, tLPf(2) 15%-85% rise and fall time
-
-
25
ns
Low-power contention detector characteristics
VILCD
Logic 0 contention threshold
-
-
200
mV
VIHCD
Logic 1 contention threshold
450
-
-
1. Evaluated by characterization, not tested in production unless otherwise specified.
2. Specified by design. Not tested in production.
3. UI (unit interval) equals to the duration of any HS state on the clock lane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com