Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595QJ Datasheet(PDF) 307 Page - STMicroelectronics

Part # STM32U595QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ Datasheet(HTML) 307 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 303Page - STMicroelectronics STM32U595QJ Datasheet HTML 304Page - STMicroelectronics STM32U595QJ Datasheet HTML 305Page - STMicroelectronics STM32U595QJ Datasheet HTML 306Page - STMicroelectronics STM32U595QJ Datasheet HTML 307Page - STMicroelectronics STM32U595QJ Datasheet HTML 308Page - STMicroelectronics STM32U595QJ Datasheet HTML 309Page - STMicroelectronics STM32U595QJ Datasheet HTML 310Page - STMicroelectronics STM32U595QJ Datasheet HTML 311Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 377 page
background image
DS13633 Rev 1
307/377
STM32U59xxx
Electrical characteristics
343
5.3.33
Timer characteristics
The parameters given in the following tables are specified by design, not tested in
production.
Refer to Section 5.3.14: I/O port characteristics for details on the input/output alternate
function characteristics (output compare, input capture, external clock, PWM output).
IDD11_DSILP
DSI system current consumption on
VDD11DSI in LP mode communication(2)
10 MHz escape clock -
1 data lane (PLL OFF)
-
0.56
1.2
mA
10 MHz escape clock -
2 data lanes (PLL OFF)
-
0.83
1.7
20 MHz escape clock -
1 data lane (PLL OFF)
-
0.56
1.2
20 MHz escape clock - 2
lanes (PLL OFF)
-
0.83
1.7
IDD11_DSIHS
DSI system (Host, PLL and D-PHY)
current consumption on VDD11DSI
in HS mode communication(3)
300 Mbit/s - 1 data lane
(PLL ON)
-
6.45
8.5
300 Mbit/s - 2 data lanes
(PLL ON)
-
7.8
10.3
500 Mbit/s - 1 data lane
(PLL ON)
-7.4
9.7
500 Mbit/s - 2 data lanes
(PLL ON)
-
8.8
11.5
DSI system (Host, PLL and D-PHY)
current consumption on VDD11DSI
in HS mode with CLK like payload
500 Mbit/s - 2 data lanes
(PLL ON)
-
10.1
13.3
1. Evaluated by characterization. Not tested in production.
2. Values based on an average traffic in LP command mode.
3. Values based on an average traffic (3/4 HS traffic and 1/4 LP) in video mode.
Table 119. DSI current consumption characteristics on VDD11DSI(1) (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Table 120. TIMx(1) characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
tres(TIM)
Timer resolution time
-1
-
tTIMxCLK
fTIMxCLK = 160 MHz
6.25
-
ns
fEXT
Timer external clock frequency on
CH1 to CH4
-0
fTIMxCLK/2
MHz
fTIMxCLK = 160 MHz
0
80
ResTIM
Timer resolution
TIMx (except TIM2/3/4/5)
-
16
bit
TIM2/3/4/5
-
32
tCOUNTER 16-bit counter clock period
-
1
65536
tTIMxCLK
fTIMxCLK = 160 MHz
0.007
409.6
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com