Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U535NET3QTR Datasheet(PDF) 143 Page - STMicroelectronics

Part # STM32U535NET3QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET3QTR Datasheet(HTML) 143 Page - STMicroelectronics

Back Button STM32U535NET3QTR Datasheet HTML 139Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 140Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 141Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 142Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 143Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 144Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 145Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 146Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 278 page
background image
Table 41. Typical current consumption in Run mode on SMPS, with different codes
running from flash memory in low-power mode, ICACHE ON (1-way), prefetch ON
Parameter
Conditions
Typ
Unit
Typ
Unit
-
Voltage
scaling
Code
1.8 V
3 V
3.3 V
1.8 V
3 V
3.3 V
IDD
(Run)
Supply
current in
Run mode
fHCLK = fMSI = 24 MHz,
all peripherals disabled,
Flash bank 2 in power down,
SRAM2 enabled,
SRAM1, SRAM4 in power
down
Range 4
Reduced Code
0.91
0.60
0.56
mA
37.92
24.79
23.33
µA/
MHz
CoreMark
0.88
0.58
0.54
36.67
23.96
22.50
SecureMark
0.97
0.64
0.60
40.42
26.46
25.00
Dhrystone 2.1
0.95
0.62
0.58
39.38
25.63
24.17
Fibonacci
0.71
0.47
0.44
29.38
19.38
18.13
while
0.62
0.41
0.39
26.00
17.27
16.25
Table 42. Typical current consumption in Run mode on SMPS, with different codes
running from flash memory, ICACHE ON (1-way), prefetch ON(1)
Parameter
Conditions
Typ
Unit
Typ
Unit
-
Voltage
scaling
Code
1.8 V
3 V
3.3 V
1.8 V
3 V
3.3 V
IDD
(Run)
Supply
current in
Run mode
fHCLK = fMSI = 24 MHz,
all peripherals disabled,
Flash bank 2 in power down,
all SRAMs enabled
Range 4
Reduced Code
0.95
0.63
0.59
mA
39.38
26.04
24.58
µA/
MHz
CoreMark
0.91
0.61
0.57
37.92
25.21
23.75
SecureMark
1.00
0.67
0.63
41.67
27.71
26.04
Dhrystone 2.1
0.98
0.65
0.61
40.63
26.88
25.42
Fibonacci
0.74
0.50
0.47
30.83
20.63
19.38
while
0.67
0.46
0.43
27.92
18.96
17.71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com