Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U535NET3QTR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM32U535NET3QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET3QTR Datasheet(HTML) 2 Page - STMicroelectronics

  STM32U535NET3QTR Datasheet HTML 1Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 2Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 3Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 4Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 5Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 6Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 7Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 8Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 278 page
background image
STM32U535xx
2/278
DS14217 Rev 1
• 32 kHz crystal oscillator for RTC (LSE)
• Internal 16 MHz factory-trimmed RC (±1%)
• Internal low-power 32 kHz RC (±5%)
• 2 internal multispeed 100 kHz to 48 MHz
oscillators, including one auto-trimmed by LSE
(better than ±0.25% accuracy)
• Internal 48 MHz with clock recovery
• 3 PLLs for system clock, USB, audio, ADC
General-purpose input/outputs
• Up to 82 fast I/Os with interrupt capability most
5V-tolerant and up to 14 I/Os with independent
supply down to 1.08 V
Up to 17 timers and 2 watchdogs
• 2 16-bit advanced motor-control, 4 32-bit,
5 16-bit, 4 low-power 16-bit (available in Stop
mode), 2 SysTick timers and 2 watchdogs
• RTC with hardware calendar and calibration
Up to 19 communication peripherals
• 1 USB full-speed selectable host or device
controller
• 1 SAI (serial-audio interface)
• 4 I2C FM+(1 Mbit/s), SMBus/PMBus®
• 5 USARTs (ISO 7816, LIN, IrDA, modem)
• 3 SPIs (4x SPIs with OCTOSPI)
• 1 CAN FD controller
• 1 SDMMC interface
• 1 multi-function digital filter (2 filters)+ 1 audio
digital filter with sound-activity detection
• Parallel synchronous slave interface
16- and 4-channel DMA controllers,
functional in Stop mode
Graphic features
• 1 digital camera interface
Mathematical co-processor
• CORDIC for trigonometric functions
acceleration
• Filter mathematical accelerator (FMAC)
Up to 20 capacitive sensing channels
• Support touch key, linear and rotary touch
sensors
Rich analog peripherals (independent
supply)
• 14-bit ADC 2.5-Msps with hardware
oversampling
• 12-bit ADC 2.5-Msps, with hardware
oversampling, autonomous in Stop 2 mode
• 2 12-bit DAC, low-power sample and hold
• 1 operational amplifier with built-in PGA
• 1 ultra-low-power comparator
CRC calculation unit
Debug
• Development support: serial-wire debug
(SWD), JTAG, Embedded Trace Macrocell™
(ETM)
s
Table 1. Device summary
Reference
Part numbers
STM32U535xx
STM32U535CB, STM32U535CC, STM32U535CE, STM32U535JE, STM32U535NC,
STM32U535NE, STM32U535RB, STM32U535RC, STM32U535RE, STM32U535VC,
STM32U535VE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com