Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U535NET3QTR Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM32U535NET3QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET3QTR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM32U535NET3QTR Datasheet HTML 15Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 16Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 17Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 18Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 19Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 20Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 21Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 22Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 278 page
background image
DS14217 Rev 1
19/278
STM32U535xx
Description
19
Figure 1. STM32U535xx block diagram
MSv70517V1
@VSW
USB
NJTRST, JTDI, JTCK/SWCLK,
JTMS/SWDIO, JTDO
TRACECLK,
TRACED[3:0]
JTAG/ SW
MPU
ETM
NVIC
Arm Cortex-M33
160 MHz
TrustZone FPU
C-BUS
S-BUS
D[7:0], D[3:1]dir
CMD, CMDdir,CK, CKin
D0dir, D2dir
SDMMC1
GPDMA1
TSC
MDF1
GPIO port A
GPIO port B
GPIO port C
GPIO port D
GPIO port E
GPIO port H
GPIO port G
7 groups of 4 channels max
as AF
SDIN[1:0], CKIN[1:0], CCK0,
CCK1 as AF
PA[15:0]
PB[15:0]
PC[15:13]
PD[15:0]
PE[15:0]
PH[1:0]
PG[15:2]
97 AF
17xIN
@VDDA
ADC1
ITF
3 compl. channels
(TIM1_CH[1:3]N),
4 channels (TIM1_CH[1:4]),
ETR, BKIN, BKIN2 as AF
TIM1/PWM
16b
3 compl. channels
(TIM1_CH[1:3]N),
4 channels (TIM1_CH[1:4]),
ETR, BKIN, BKIN2 as AF
TIM8/PWM
16b
2 channels,
1 compl. channel, BKIN as AF
TIM15
16b
1 channel,
1 compl. channel, BKIN as AF
TIM16
16b
1 channel,
1 compl. channel, BKIN as AF
TIM17
16b
RX, TX, CK,CTS, RTS as AF
MOSI, MISO, SCK, NSS as
AF
SPI1
smcard
irDA
USART1
MCLK_A, SD_A, FS_A,
SCK_A, MCLK_B, SD_B,
FS_B, SCK_B as AF
SAI1
SYSCFG
AHB/APB2
AHB/APB1
FMAC
CORDIC
CRC
SRAM2 (64 Kbytes)
SRAM1 (192 Kbytes)
Flash memory
(up to 512 Kbytes)
Octo-SPI1 memory interface
IO[7:0], CLK, NCLK, NCS.
DQS as AF
RNG
HASH
DP
DM
D[15:0], CK, CMD as AF
DCMI/PSSI
@VDD
Power management
Voltage regulator LDO
and SMPS 3.3 to 1.2 V
VDD = 1.71 to 3.6 V
VSS
VDD
@VDD
Supply supervision
BOR
VDDIO, VDDUSB, VDDA,
VSSA, VDD, VSS, NRST
Reset
PVD, PVM
Int
@VDD
XTAL OSC
4- 50 MHz
IWDG
OSC_IN
OSC_OUT
Standby
interface
@VDD
MSI
HSI16
PLL 1, 2, 3
Reset and clock control
TIM2
32b
TIM3
32b
TIM4
32b
TIM5
32b
smcard
irDA
UART4
UART5
SPI2
I2C1/SMBUS
I2C2/SMBUS
I2C4/SMBUS
FDCAN1
USART3
4 channels, ETR as AF
4 channels, ETR as AF
4 channels, ETR as AF
4 channels
RX, TX, CK, CTS, RTS as AF
RX, TX, CTS, RTS as AF
RX, TX, CTS, RTS as AF
MOSI, MISO, SCK, NSS as
AF
SCL, SDA, SMBA as AF
SCL, SDA, SMBA as AF
SCL, SDA, SMBA as AF
TX, RX as AF
WWDG
CRS
TIM6 16b
TIM7 16b
LPTIM2
IN1, IN2, CH1, CH2,
ETR as AF
SRAM4
(16 Kbytes)
LPDMA1
@VDDA
D/A converter 1
ITF
DAC1_OUT1
@VDDA
ADC4
ITF
DAC1_OUT2
15xIN
LPGPIO
IO[15:0] as AF
ADF1
SDIN0, CKIN0, CCK0,
CCK1 as AF
AHB/APB3
Temperature
monitoring
@VSW
XTAL 32k
RTC
RTC_OUT1, RTC_OUT2,
RTC_REFIN, RTC_TS
TAMP
RTC_OUT[8:1], RTC_IN[8:1]
@VDDA
VREF buffer
VREF+
@VDDA
COMP1
INP, INN, OUT
@VDDA
OpAmp1
INP, INN, OUT
LPTIM1
IN1, IN2, CH1, CH2,
ETR as AF
LPTIM3
IN1, IN2, CH1, CH2,
ETR as AF
LPTIM4
IN1, OUT, ETR as AF
I2C3/SMBUS
SCL, SDA, SMBA as AF
SPI3
MOSI, MISO, SCK, NSS as
AF
LPUART1
VDD power
domain
VDDUSB power
domain
VSW power
domain
VDDIO2 power
domain
VDDA power
domain
RX, TX, CTS, RTS_DE as
AF
@VDDUSB
BKPSRAM
(2 Kbytes)
AUDIOCLK as AF
GTZC1
GTZC2
HSI48
WKUPx (x=1 to 8)
Note: VSW = VDD when VDD is above VBOR0, and VSW = VBAT when VDD is below VBOR0.
PC[12:0]
D/A converter 2
AHB2 160 MHz
EXT IT. WKP
PH[3]
@VSW
LSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com