Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U535NET3QTR Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM32U535NET3QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET3QTR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM32U535NET3QTR Datasheet HTML 35Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 36Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 37Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 38Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 39Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 40Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 41Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 42Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 278 page
background image
DS14217 Rev 1
39/278
STM32U535xx
Functional overview
84
•
Standby mode
The Standby mode is used to achieve the lowest power consumption with BOR. The
internal regulator is switched off so that the VCORE domain is powered off. The PLL, the
MSI, the HSI16, the HSI48 and the HSE crystal oscillators are also switched off.
The RTC can remain active (Standby mode with RTC, Standby mode without RTC).
The BOR always remains active in Standby mode.
The state of each I/O during Standby mode can be selected by software: I/O with
internal pull-up, internal pull-down or floating.
After entering Standby mode, SRAMs and register contents are lost except for registers
and backup SRAM in the backup domain and Standby circuitry. Optionally, the full
SRAM2 or 8 Kbytes or 56 Kbytes can be retained in Standby mode, supplied by the
low-power regulator (Standby with SRAM2 retention mode).
The BOR can be configured in ultra-low-power mode to further reduce power
consumption during Standby mode.
The device exits Standby mode when an external reset (NRST pin), an IWDG reset,
WKUP pin event (configurable rising or falling edge), an RTC event occurs (alarm,
periodic wake-up, timestamp), or a tamper detection. The tamper detection can be
raised either due to external pins or due to an internal failure detection.
The system clock after wake-up is MSI up to 4 MHz.
•
Shutdown mode
The lowest power consumption is achieved in Shutdown mode. The internal regulator
is switched off so that the VCORE domain is powered off. The PLL, the HSI16,
the HSI48, the MSI, the LSI and the HSE oscillators are also switched off.
The RTC can remain active (Shutdown mode with RTC, Shutdown mode without RTC).
The BOR is not available in Shutdown mode. No power voltage monitoring is possible
in this mode, therefore the switch to backup domain is not supported (VBAT).
SRAMs and register contents are lost except for registers in the backup domain.
The device exits Shutdown mode when an external reset (NRST pin), a WKUP pin
event (configurable rising or falling edge), or an RTC event occurs (alarm, periodic
wake-up, timestamp), or a tamper detection.
The system clock after wake-up is MSI at 4 MHz.
Low-power background autonomous mode (LPBAM)
The ultra-low-power STM32U535xx devices support LPBAM (low-power background
autonomous mode) that allows peripherals to be functional and autonomous in Stop mode
(Stop 0, Stop 1 and Stop 2 modes), so without any software running.
In Stop 0 and Stop 1 modes, the autonomous peripherals are the following: ADC4, DAC1,
LPTIMx (x = 1 to 4), USARTx (x = 1, 3, 4, 5), LPUART1, SPIx (x = 1 to 3), I2Cx (x = 1 to 4),
MDF1, ADF1, GPDMA1 and LPDMA1. In these modes, SRAM1, SRAM2, and SRAM4 can
be accessed by the GPDMA1, and SRAM4 can be accessed by the LPDMA1.
In Stop 2 mode, the autonomous peripherals are the following: ADC4, DAC1, LPTIM1,
LPTIM3, LPTIM4, LPUART1, SPI3, I2C3, ADF1 and LPDMA1. In this mode, the SRAM4
can be accessed by the LPDMA1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com