Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U535NET3QTR Datasheet(PDF) 158 Page - STMicroelectronics

Part # STM32U535NET3QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET3QTR Datasheet(HTML) 158 Page - STMicroelectronics

Back Button STM32U535NET3QTR Datasheet HTML 154Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 155Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 156Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 157Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 158Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 159Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 160Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 161Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 278 page
background image
IDD(Stop 2
with RTC)
Supply current in Stop 2 mode,
RTC(2) clocked by LSI 32 kHz,
8-Kbyte SRAM2 + ICACHE
retained
1.8
3.95
10.0
31.0
65.0
135
12.0
30.0
92.0
200.0
400.0
µA
2.4
3.70
9.3
28.0
58.0
120
11.0
28.0
83.0
170.0
350.0
3.0
3.40
8.3
24.5
51.5
110
11.0
25.0
72.0
150.0
320.0
3.3
3.50
8.3
24.0
50.0
105
11.0
25.0
70.0
150.0
310.0
3.6
4.00
9.0
24.5
50.5
105
12.0
26.0
71.0
150.0
300.0
Supply current in Stop 2 mode,
RTC(2) clocked by LSI 250 Hz,
8-Kbyte SRAM2 + ICACHE
retained
1.8
3.80
10.0
30.5
64.5
135
12.0
30.0
90.0
190.0
400.0
2.4
3.50
9.1
27.5
58.0
120
11.0
27.0
81.0
170.0
350.0
3.0
3.10
8.0
24.5
51.0
110
9.2
24.0
72.0
150.0
320.0
3.3
3.20
8.0
24.0
50.0
105
9.4
24.0
70.0
150.0
310.0
3.6
3.65
8.6
24.5
50.5
105
11.0
25.0
71.0
150.0
300.0
Supply current in Stop 2 mode,
RTC(2) clocked by LSE
bypassed at 32768 Hz,
8-Kbyte SRAM2 + ICACHE
retained
1.8
3.35
8.5
26.0
55.0
115
10.0
26.0
77.0
170.0
340.0
2.4
3.65
9.1
27.0
56.5
120
11.0
27.0
80.0
170.0
350.0
3.0
3.30
8.1
24.0
50.0
105
9.8
24.0
71.0
150.0
310.0
3.3
3.45
8.2
23.5
49.0
100
11.0
24.0
69.0
150.0
290.0
3.6
4.00
8.8
24.0
49.5
100
12.0
26.0
69.0
150.0
290.0
Supply current in Stop 2 mode,
RTC(2) clocked by LSE quartz in
low-drive mode,
8-Kbyte SRAM2 + ICACHE
retained
1.8
4.00
10.5
31.0
65.0
135
-
-
-
-
-
2.4
3.70
9.3
28.0
58.5
120
-
-
-
-
-
3.0
3.35
8.3
24.5
51.5
110
-
-
-
-
-
3.3
3.40
8.3
24.0
50.0
105
-
-
-
-
-
3.6
3.90
8.9
24.5
50.5
105
-
-
-
-
-
1. Evaluated by characterization. Not tested in production.
2. RTC with default configuration but RTC_CALR.LPCAL = 1.
Table 57. Current consumption in Stop 2 mode on SMPS (continued)
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
VDD (V)
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com